Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFR02S Datasheet(PDF) 4 Page - Cyntec Co., Ltd.

Part # PFR02S
Description  1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PFR02S Datasheet(HTML) 4 Page - Cyntec Co., Ltd.

  PFR02S Datasheet HTML 1Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 2Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 3Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 4Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 5Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 6Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 7Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
DOCUMENT
: RQ-1NH
REVISION
: A0
4
Chip Resistor
Mechanical
Item
Specification and Requirement
Test Method (JIS 5201)
Resistor
Jumper
Solderability
The surface of terminal immersed shall be
minimum of 95% covered with a new coating of
solder
Solder bath:
After immersing in flux, dip in
245 ± 5℃ molten solder bath for
2 ± 0.5 seconds
Resistance to Solder
Heat
△R: ±(1%+ 0.05)
Without distinct deformation in
appearance
Max. 50m
Resistance to Solder Heat
Vibration
△R: ±(0.5%+ 0.05)
Without mechanical damage such as break
(1)
Vibration frequency:
10Hz to 55Hz in 60 seconds as a
period
(2)
Vibration time: period cycled for 2
hours in each of 3 mutual
perpendicular direction total.
(3)
Amplitude: 1.5mm
Shock
△R: ±(0.25%+ 0.05)
Without mechanical damage such as break
(1)
Peak value: 490N
(2)
Duration of pulse: 11ms
(3)
3 times in each positive and negative
direction of 3 mutual
perpendicular directions
Bending Test
△R: ±(1%+ 0.05)
Without mechanical damage such as break
Bending value : 3mm for 30 ± 1 seconds
Solvent Resistance
Without mechanical and distinct damage in
appearance
(1)
Solvent:
Trichloroethane or Isopropyl alcohol
(2)
Immersed in solvent at
room temperature for 90 seconds



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com