Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFR02S Datasheet(PDF) 8 Page - Cyntec Co., Ltd.

Part # PFR02S
Description  1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PFR02S Datasheet(HTML) 8 Page - Cyntec Co., Ltd.

  PFR02S Datasheet HTML 1Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 2Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 3Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 4Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 5Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 6Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 7Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
DOCUMENT
: RQ-1NH
REVISION
: A0
8
Chip Resistor
Care Note :
Care note for storage
(1) Chip resistor shall be stored in a room where temperature and humidity must be controlled.
(temperature 5 to 35℃, humidity 45 to 85% RH) However, a humidity keep it low, as it is possible.
(2) Chip resistor shall be stored as direct sunshine doesn’t hit on it.
(3) Chip resistor shall be stored with no moisture, dust, a material that will make solderability inferior, and
a harmful gas (Hydrogen chloride, sulfurous acid gas, and Hydrogen sulfide)
Care note for operating and handling
(1) It is necessary to protect the edge and protection coat of resistors from mechanical stress.
(2) Handle with care when printing circuit board (PCB) is divided or fixed on support body, because bending
of printing circuit board (PCB) mounting will make mechanical stress for resistors.
(3) Resistors shall be used with in rated range shown in specification. Especially, if voltage more than
specified value will be loaded to resistor, there is a case it will make damage for machine because of
temperature rise depending on generating of heat, and increase resistance value or breaks.
(4) In case that resistor is loaded a rated voltage, it is necessary to confirms temperature of a resistor and
to reduce a load power according to load reduction curve, because a temperature rise of a resistor
depends on influence of heat from mounting density and neighboring element.
(5) Observe Limiting element voltage and maximum overload voltage specified in each specification.
(6) If there is possibility that a large voltage (pulse voltage, shock voltage) charge to resistor, it is necessary
that operating condition shall be set up before use.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com