Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PFR02S Datasheet(PDF) 2 Page - Cyntec Co., Ltd.

Part # PFR02S
Description  1/32W, 01005, Thick Film Chip Resistor (Lead / Halogen Free)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYNTEC [Cyntec Co., Ltd.]
Direct Link  http://www.cyntec.com/
Logo CYNTEC - Cyntec Co., Ltd.

PFR02S Datasheet(HTML) 2 Page - Cyntec Co., Ltd.

  PFR02S Datasheet HTML 1Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 2Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 3Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 4Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 5Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 6Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 7Page - Cyntec Co., Ltd. PFR02S Datasheet HTML 8Page - Cyntec Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
DOCUMENT
: RQ-1NH
REVISION
: A0
2
Chip Resistor
Dimensions
Note: *Which resistance layer(protection coating layer) is down : just ±1%(F) for 1.0 ~ 9.76
** No marking on the protect coating
Type Designation :
PFR02S
-
XXXX
-
X
NH
(1)
(2)
(3)
(4)
Note :
(1) Series No.
(2) Resistance value : 103 = 10k (E24) ; 1131 =1.13k (E96)
(3) Tolerance : F = ±1%, G = ±2%, J= ±5%, X= Jumper (Below 50m)
(4) NH= Sn plating (Lead free / Halogen free)
Outline Drawing :
L
W
a
a
t
b
Code Letter
Dimension
L
0.40  0.02
W
0.20  0.02
t
0.13  0.02
a
0.10  0.03
b
0.10  0.03
Unit: mm



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com