Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100AP Datasheet(PDF) 6 Page - NXP Semiconductors

Part # MPX4100AP
Description   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4100AP Datasheet(HTML) 6 Page - NXP Semiconductors

Back Button MPX4100AP Datasheet HTML 2Page - NXP Semiconductors MPX4100AP Datasheet HTML 3Page - NXP Semiconductors MPX4100AP Datasheet HTML 4Page - NXP Semiconductors MPX4100AP Datasheet HTML 5Page - NXP Semiconductors MPX4100AP Datasheet HTML 6Page - NXP Semiconductors MPX4100AP Datasheet HTML 7Page - NXP Semiconductors MPX4100AP Datasheet HTML 8Page - NXP Semiconductors MPX4100AP Datasheet HTML 9Page - NXP Semiconductors MPX4100AP Datasheet HTML 10Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
MPX4100A
Sensors
6
Freescale Semiconductor
Pressure
Nominal Transfer Value:
Vout = VS (P x 0.01059 - 0.1518)
± (Pressure Error x Temp. Factor x 0.01059 x VS)
VS = 5.1 V ± 0.25 Vdc
Transfer Function (MPX4100A)
MPX4100A Series
Temp
Multiplier
- 40
3
0 to 85
1
+125
3
Temperature in °C
4.0
3.0
2.0
0.0
1.0
-40
-20
0
20
40
60
140
120
100
80
Temperature
Error
Factor
Temperature Error Band
NOTE: The Temperature Multiplier is a linear response from 0°C to-40°C and from 85°C to 125°C.
Pressure
Error (Max)
Error Limits for Pressure
3.0
2.0
1.0
-1.0
-2.0
-3.0
0.0
20
40
60
80
100
120
Pressure (in kPa)
20 to 105 (kPa)
±1.5 (kPa)
Pressure Error Band



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com