Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100AP Datasheet(PDF) 1 Page - NXP Semiconductors

Part # MPX4100AP
Description   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4100AP Datasheet(HTML) 1 Page - NXP Semiconductors

  MPX4100AP Datasheet HTML 1Page - NXP Semiconductors MPX4100AP Datasheet HTML 2Page - NXP Semiconductors MPX4100AP Datasheet HTML 3Page - NXP Semiconductors MPX4100AP Datasheet HTML 4Page - NXP Semiconductors MPX4100AP Datasheet HTML 5Page - NXP Semiconductors MPX4100AP Datasheet HTML 6Page - NXP Semiconductors MPX4100AP Datasheet HTML 7Page - NXP Semiconductors MPX4100AP Datasheet HTML 8Page - NXP Semiconductors MPX4100AP Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
MPX4100A
Rev 9, 1/2009
Freescale Semiconductor
© Freescale Semiconductor, Inc., 2005-2009. All rights reserved.
Pressure
+
Integrated Silicon Pressure Sensor
for Manifold Absolute Pressure
Applications On-Chip Signal
Conditioned, Temperature
Compensated and Calibrated
The MPX4100A series Manifold Absolute Pressure (MAP) sensor for
engine control is designed to sense absolute air pressure within the intake
manifold. This measurement can be used to compute the amount of fuel
required for each cylinder. The small form factor and high reliability of on-chip
integration makes the MAP sensor a logical and economical choice for
automotive system designers.
The MPX4100A series piezoresistive transducer is a state-of-the-art,
monolithic, signal conditioned, silicon pressure sensor. This sensor combines
advanced micromachining techniques, thin film metallization, and bipolar
semiconductor processing to provide an accurate, high level analog output
signal that is proportional to applied pressure.
Features
• 1.8% Maximum Error Over 0
° to 85°C
• Specifically Designed for Intake Manifold Absolute Pressure Sensing in Engine Control Systems
• Ideally Suited for Microprocessor Interfacing or Microcontroller Based Systems
• Temperature Compensated Over -40
°C to +125°C
• Durable Epoxy Unibody Element
• Ideal for Non-Automotive Applications
• Available as Standard Fluorosilicone Gel (MPXA4100A, MPX4100A) or Media Resistant Gel (MPXAZ4100A)
• Durable Thermoplastic (PPS) Surface Mount Package
ORDERING INFORMATION
Device Name
Package
Options
Case
No.
# of Ports
Pressure Type
Device Marking
None
Single
Dual
Gauge
Differential
Absolute
Unibody Package (MPX4100A Series)
MPX4100A
Trays
867-08
•
•
MPX4100A
MPX4100AP
Trays
867B-04
•
•
MPX4100AP
MPX4100AS
Trays
867E-03
•
•
MPX4100AS
Small Outline Package (MPXAZ4100A Series) (Media Resistant Gel)
MPXAZ4100A6U
Rails
482
•
•
MPXAZ4100A
MPXAZ4100AC6U
Rails
482A
•
•
MPXAZ4100A
Small Outline Package (MPXA4100A Series)
MPXA4100A6T1
Tape and Reel
482
•
•
MPXA4100A
MPXA4100AC6U
Rails
482A
•
•
MPXA4100A
MPXA4100A6U
Rails
482
•
•
MPXA4100A
MPX4100A
20 to 105 kPa (2.9 to 15.2 psi)
0.3 to 4.9 V Output
Series
Application Examples
• Manifold Sensing for Automotive
Systems
• Also Ideal for Non-Automotive
Applications


Similar Part No. - MPX4100AP

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPX4100AP MOTOROLA-MPX4100AP Datasheet
135Kb / 8P
INTEGRATED PRESSURE SENSOR 20 to 105 kPa (2.9 to 15.2 psi) 0.3 to 4.9 V Output
logo
Freescale Semiconductor...
MPX4100AP FREESCALE-MPX4100AP Datasheet
236Kb / 10P
INTEGRATED PRESSURE SENSOR
More results

Similar Description - MPX4100AP

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MPX4080D FREESCALE-MPX4080D Datasheet
174Kb / 8P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX5050 FREESCALE-MPX5050 Datasheet
255Kb / 14P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPVZ5150 FREESCALE-MPVZ5150 Datasheet
206Kb / 7P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
MPX4101A FREESCALE-MPX4101A Datasheet
260Kb / 12P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MPX4105A FREESCALE-MPX4105A Datasheet
177Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned
MPX4200A FREESCALE-MPX4200A Datasheet
161Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature
MP3V5050 FREESCALE-MP3V5050 Datasheet
214Kb / 11P
Integrated Silicon Pressure Sensor On-Chip Signal Conditioned, Temperature Compensated and Calibrated
logo
NXP Semiconductors
MPX4105A NXP-MPX4105A Datasheet
113Kb / 7P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 8, 1/2009
MPX4200A NXP-MPX4200A Datasheet
105Kb / 6P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure, Applications, On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 4, 1/2009
MPXAZ4100A NXP-MPXAZ4100A Datasheet
229Kb / 8P
Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
Rev 1, 05/2005
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com