Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPX4100AP Datasheet(PDF) 9 Page - NXP Semiconductors

Part # MPX4100AP
Description   Integrated Silicon Pressure Sensor for Manifold Absolute Pressure Applications On-Chip Signal Conditioned, Temperature Compensated and Calibrated
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPX4100AP Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button MPX4100AP Datasheet HTML 5Page - NXP Semiconductors MPX4100AP Datasheet HTML 6Page - NXP Semiconductors MPX4100AP Datasheet HTML 7Page - NXP Semiconductors MPX4100AP Datasheet HTML 8Page - NXP Semiconductors MPX4100AP Datasheet HTML 9Page - NXP Semiconductors MPX4100AP Datasheet HTML 10Page - NXP Semiconductors MPX4100AP Datasheet HTML 11Page - NXP Semiconductors MPX4100AP Datasheet HTML 12Page - NXP Semiconductors MPX4100AP Datasheet HTML 13Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
MPX4100A
Sensors
Freescale Semiconductor
9
Pressure
PACKAGE DIMENSIONS
PIN 1
F
G
N
L
R
12
34
5
6
6 PL
D
SEATING
PLANE
-T-
M
A
M
0.136 (0.005)
T
POSITIVE PRESSURE
(P1)
C
B
M
J
S
-A-
STYLE 1:
PIN 1. VOUT
2. GROUND
3. VCC
4. V1
5. V2
6. VEX
STYLE 3:
PIN 1. OPEN
2. GROUND
3. +VOUT
4. +VSUPPLY
5. -VOUT
6. OPEN
STYLE 2:
PIN 1. OPEN
2. GROUND
3. -VOUT
4. VSUPPLY
5. +VOUT
6. OPEN
MAX
MILLIMETERS
INCHES
16.00
13.56
5.59
0.84
1.63
0.100 BSC
2.54 BSC
0.40
18.42
30˚ NOM
30˚ NOM
12.57
11.43
DIM
A
B
C
D
F
G
J
L
M
N
R
S
MIN
0.595
0.514
0.200
0.027
0.048
0.014
0.695
0.475
0.430
0.090
MAX
0.630
0.534
0.220
0.033
0.064
0.016
0.725
0.495
0.450
0.105
MIN
15.11
13.06
5.08
0.68
1.22
0.36
17.65
12.07
10.92
2.29
2.66
NOTES:
1.
2.
3.
DIMENSIONING AND TOLERANCING PER
ANSI Y14.5M, 1982.
CONTROLLING DIMENSION: INCH.
DIMENSION -A- IS INCLUSIVE OF THE MOLD
STOP RING. MOLD STOP RING NOT TO EXCEED
16.00 (0.630).
CASE 867-08
ISSUE N
BASIC ELEMENT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com