Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX9820ASM Datasheet(PDF) 21 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 21 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 17Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 18Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 19Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 20Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 21Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 22Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 23Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 24Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 25Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
Revision 1.0
21
www.national.com
8.0 Digital Smart Radio (Continued)
Figure 12. Frequency Offset with 12 pF/12 pF Capacitors
Figure 13. Frequency Offset with 10 pF/10 pF Capacitors
8.7.2 TCXO (Temperature Compensated Crystal
Oscillator)
The LMX9820A also can operate with an external TCXO
(Temperature Compensated Crystal Oscillator). The TCXO
signal is directly connected to the CLK+, shown in Table 23
on page 21.
1. Input Impedance
The LMX9820A CLK+ pin has in input impedance of 2 pF
capacitance in parallel with >400k
Ω resistance.
2. NKG3184A TCXO
The LMX9820A has also been tested with the NKG3184A
TCXO. See Table 23 on page 21.
Table 23. TCXO NKG3184A
Specification
Value
Package
5.0 x 3.2 x 1.4 mm (4 pads)
Frequency
12.000 MHz
Stability
18 ppm at -30 to +85°C
(inclusive of all conditions)
Output Load
10k
Ω/13 pF
Current Consumption
2.0 mA
Output Level
0.3Vp-p to 2.0Vp-p
Storage Temperature
-40 to +85°C
DC Cut Capacitor
Included in VC-TCXO



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com