Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX9820ASM Datasheet(PDF) 39 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 39 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 35Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 36Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 37Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 38Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 39Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 40Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 41Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 42Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 43Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 44 page
background image
Revision 1.0
39
www.national.com
15.0 Soldering (Continued)
15.0 Soldering
The LMX9820A bumps are designed to melt as part of the
Surface Mount Assembly (SMA) process. The LMX9820A
is assembled with a high-temperature solder alloy to
ensure there are no re-reflow conditions imposed upon the
module when reflowed to a PCB with these typical low tem-
perature 60/40 (S = 183°C, L = 188°C), 62/36/2 (E =
179°C), or 63/37 (E = 183°C) solder alloys.
Where:
• S: Solidus
– Denotes the points in a phase diagram representing
the temperature at which the solder composition be-
gins to melt during heating, or complete freezing dur-
ing cooling.
• L: Liquidus
– Denotes the points in a phase diagram representing
the temperature at which the solder has molten com-
ponents. The temperature that melting starts at.
• E: Eutectic
– Denotes solid to liquid without a plastic phase.
The low-temperature solder alloy will reflow with the solder
bump and provide the maximum allowable solder-joint reli-
ability.
Reflow at a peak of 215 --> 220°C (approximately 30 sec-
onds at peak). Do not to exceed 220°C, measured in close
proximity of the modules. to avoid any potential re-reflow
conditions.
Table 41 and Figure 27 on page 40 provide the soldering
details required to properly solder the LMX9820A to stan-
dard PCBs. The illustration serves only as a guide and
National is not liable if a selected profile does not work.
Table 41. Soldering Details
Parameter
Value
PCB Land Pad Diameter
24 mil
PCB Solder Mask Opening
30 mil
PCB Finish (HASL details)
63/37 (difference in thickness < 28 micron)
Stencil Aperture
28 mil
Stencil Thickness
5 mil
Solder Paste Used
Low temperature 60/40 (S = 183°C, L = 188°C),
62/36/2 (E = 179°C),
or 63/37 (E = 183°C) solder alloys1
Flux Cleaning Process
No Clean Flux System1
Reflow Profiles
See Figure 27 on page 40
1.
Typically defined by customer.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com