Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX9820ASM Datasheet(PDF) 35 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LMX9820ASM
Description  Bluetooth Serial Port Module
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LMX9820ASM Datasheet(HTML) 35 Page - National Semiconductor (TI)

Back Button LMX9820ASM Datasheet HTML 31Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 32Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 33Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 34Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 35Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 36Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 37Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 38Page - National Semiconductor (TI) LMX9820ASM Datasheet HTML 39Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 44 page
background image
Revision 1.0
35
www.national.com
14.0 Application Information (Continued)
14.0 Application Information
Figure 22 on page 35 represents a typical system sche-
matic for the LMX9820A.
14.1 MATCHING NETWORK
The antenna matching network may or may not be
required, depending upon the impedance of the antenna
chosen. A 6.8 pF blocking capacitor is recommended.
14.2 FILTERED POWER SUPPLY
It is important to provide the LMX9820A with adequate
ground planes and a filtered power supply. It is highly rec-
ommended that a 0.1 µF and a 10 pF bypass capacitor be
placed as close as possible to VCC (pad H2) on the
LMX9820A.
14.3 HOST INTERFACE
To set the logic thresholds of the LMX9820A to match the
host system, IOVCC (pad H12) must be connected to the
logic power supply of the host system. It is highly recom-
mended that a 10 pF bypass capacitor be placed as close
as possible to the IOVCC pad on the LMX9820A.
ISEL2 (pad H13) and ISEL1 (pad J13) can be strapped to
the host logic 0 and 1 levels to set the host interface boot-
up configuration. Alternatively both ISEL2 and ISEL1 can
be hardwired over 10k
Ω pullup/pulldown resistors.
Env0 (pad E9) and Env1 (pad B11) can be left uncon-
nected (both are pulled high), if no ISP capability is
required. If the ISP environment mode is needed, then
Env0 must be driven to logic low and Reset needs to be
asserted. After de-assertion of Reset, the LMX9820A boots
into the mode corresponding to the values present on Env0
and Env1. Alternatively, a firmware upgrade command can
be used.
14.4 CLOCK INPUT
The clock source must be placed as close as possible to
the LMX9820A. The quality of the radio performance is
directly related to the quality of the clock source connected
to the oscillator port on the LMX9820A. Careful attention
must be paid to the crystal/oscillator parameters or radio
performance could be drastically reduced.
14.5 SCHEMATIC AND LAYOUT EXAMPLES
Notes:
Capacitor values, Ct1 and Ct2 may vary depending on board design crystal manufacturer specification.
Single ground plane is used for both RF and digital grounds.
Figure 22. Example System Schematic
B1 Antenna
RF_inout
H8
Clk+
B9
Clk-
B8
12 MHz
Y1
Ct1
Ct2
VCC
10 pF
0.01 µF
H2
10 pF
0.01 µF
H12
IOVCC
Reset_b
Reset_5100
Env0
Env1
Uart_rx
Uart_tx
Uart_cts
Uart_rts
D11
G8
E9
B11
C9
D9
D10
C10
RF GND
Dig_gnd[1:2]
LMX9820A
D12, G11
Reference
Table 18 on
page 15.
Reference
Table 17 on
page 15.
Reference Table
25 on page 23
for correct POR
timing.
Connect to
system
UART bus.
No HW Flowcontrol:
- CTS GND
- RTS NC
ISEL2
ISEL1
H13
J13
6.8 pF
AAI_srd
AAI_std
AAI_sfs
AAI_sclk
Connect
to
PCM
codec
or leave open
32kHz_CLKI
max
1K
Ω
VCC
B13
B10
B12
C11
C12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com