Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V751BA60 Datasheet(PDF) 4 Page - Littelfuse

Part # V751BA60
Description  Varistor Products - High Energy Industrial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751BA60 Datasheet(HTML) 4 Page - Littelfuse

  V751BA60 Datasheet HTML 1Page - Littelfuse V751BA60 Datasheet HTML 2Page - Littelfuse V751BA60 Datasheet HTML 3Page - Littelfuse V751BA60 Datasheet HTML 4Page - Littelfuse V751BA60 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
2
BA/BB Varistor Series
Varistor Products
High Energy Industrial
75
www .littelfuse .com
Transient V-I Characteristics Curves
FIGURE 5. CLAMPING VOLTAGE FOR V131BA60 - V881BA60
MAX CLAMPING VOLTAGE
DISC SIZE 60mm
130 TO 880VM(AC) RATING
TA = -55
oC TO 85oC
6,000
5,000
4,000
3,000
2,000
1,000
900
800
700
600
500
400
300
200
10-2
10-1
100
101
102
103
104
105
PEAK AMPERES (A)
V881BA60
V751BA60
V661BA60
V571BA60
V151BA60
V131BA60
V511BA60
V481BA60
V421BA60
V321BA60
V271BA60
V251BA60
FIGURE 6. CLAMPING VOLTAGE FOR V112BB60 - V282BB60
30,000
20,000
10,000
9,000
8,000
7,000
6,000
5,000
4,000
3,000
2,000
10-2
10-1
100
101
102
103
104
105
PEAK AMPERES (A)
V282BB60
V242BB60
V202BB60
V172BB60
V142BB60
V112BB60
MAX CLAMPING VOLTAGE
DISC SIZE 60mm
1100 TO 2800VM(AC) RATING
TA = -55
oC TO 85oC
NOTE: If pulse ratings are exceeded, a shift of V N(DC) (at specified current) of more than ±10% could result.This type of shift, which normally results in a decrease of VN(DC),
may result in the device not meeting the original published specifications, but it does not prevent the device from continuing to function, and to provide ample protection.
Pulse Rating Curves
FIGURE 7. SURGE CURRENT RATING CURVES FOR
V131BA60 - V321BA60
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
IMPULSE DURATION (
µs)
1,000
10,000
10
102
103
104
105
INDEFINITE
106
20
100
2
DISC SIZE 60mm
V131BA60 - V321BA60
1
FIGURE 8. SURGE CURRENT RATING CURVES FOR
V421BA60 - V282BB60
100,000
50,000
20,000
10,000
5,000
2,000
1,000
500
200
100
50
20
10
20
100
1,000
10,000
IMPULSE DURATION (
µs)
10
102
103
104
105
106
2
1
DISC SIZE 60mm
V421BA60 - V282BB60
INDEFINITE
Next
Previous



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com