Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V751BA60 Datasheet(PDF) 1 Page - Littelfuse

Part # V751BA60
Description  Varistor Products - High Energy Industrial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751BA60 Datasheet(HTML) 1 Page - Littelfuse

  V751BA60 Datasheet HTML 1Page - Littelfuse V751BA60 Datasheet HTML 2Page - Littelfuse V751BA60 Datasheet HTML 3Page - Littelfuse V751BA60 Datasheet HTML 4Page - Littelfuse V751BA60 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Varistor Products
72
www .littelfuse .com
High Energy Industrial
BA/BB Varistor Series
The BA and BB Series transient surge suppressors are heavy-duty
industrial metal-oxide varistors (MOVs) designed to provide surge
protection for motor controls and power supplies used in oil-drilling, mining,
transportation equipment and other heavy industrial AC line applications.
These UL-recognized varistors have similar package construction but
differ in size and ratings.The BA models are rated from 130 to
880VM(AC) . The BB models from 1100 to 2800VM(AC) .
Both the BA and BB Series feature improved creep and strike capability
to minimize breakdown along the package surface, a package design
that provides complete electrical isolation of the disc subassembly, and
rigid terminals to insure secure wire contacts.
See BA/BB Series Device Ratings and Specifications table for part
number and brand information.
Features
• High Energy Absorption Capability WTM
BA Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .3200J
BB Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .10,000J
• Wide Operating Voltage Range VM(AC)RMS
BA Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .130V to 880V
BB Series . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .1100V to 2800V
• Rigid Terminals for Secure Wire Contact
• Case Design Provides Complete Electrical Isolation of Disc
Subassembly
• Littelfuse Largest Packaged Disc . . . . . . . . . . . . . . .60mm Diameter
• No Derating Up to 85oC Ambient
AGENCY APPROVALS: Recognized under the components program of
Underwriters Laboratories (BA Series only).
AGENCY FILE NUMBERS: UL E75961.
BB SERIES
BA SERIES
®
Next
Previous


Similar Part No. - V751BA60

ManufacturerPart #DatasheetDescription
logo
MDE Semiconductor, Inc.
V751BA60 MDE-V751BA60 Datasheet
723Kb / 2P
Series Block Varistor
V751BA60 MDE-V751BA60 Datasheet
723Kb / 2P
BA/BB 60 Series Block Varistor
More results

Similar Description - V751BA60

ManufacturerPart #DatasheetDescription
logo
Littelfuse
V131CA32 LITTELFUSE-V131CA32 Datasheet
106Kb / 8P
Varistor Products - High Energy Industrial Disc
TMOV34S111M LITTELFUSE-TMOV34S111M Datasheet
203Kb / 6P
Varistor Products - High Energy Industrial Thermally Protected
V111DHB34 LITTELFUSE-V111DHB34 Datasheet
97Kb / 5P
Varistor Products - High Energy Industrial
V111HA32 LITTELFUSE-V111HA32 Datasheet
129Kb / 5P
Varistor Products - High Energy Industrial
V111HB34 LITTELFUSE-V111HB34 Datasheet
211Kb / 8P
Varistor Products - High Energy Industrial
V131DA40 LITTELFUSE-V131DA40 Datasheet
64Kb / 4P
Varistor Products - High Energy Industrial
V131HB34 LITTELFUSE-V131HB34 Datasheet
179Kb / 4P
Varistor Products - High Energy Industrial
V131NA34 LITTELFUSE-V131NA34 Datasheet
89Kb / 5P
Varistor Products - High Energy Industrial Square Disc
V25S115P LITTELFUSE-V25S115P Datasheet
282Kb / 5P
Varistor Products
V3.5MLA0603NH LITTELFUSE-V3.5MLA0603NH Datasheet
466Kb / 8P
Varistor Products
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com