Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

V751BA60 Datasheet(PDF) 5 Page - Littelfuse

Part # V751BA60
Description  Varistor Products - High Energy Industrial
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

V751BA60 Datasheet(HTML) 5 Page - Littelfuse

  V751BA60 Datasheet HTML 1Page - Littelfuse V751BA60 Datasheet HTML 2Page - Littelfuse V751BA60 Datasheet HTML 3Page - Littelfuse V751BA60 Datasheet HTML 4Page - Littelfuse V751BA60 Datasheet HTML 5Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
High Energy Industrial
BA/BB Varistor Series
Varistor Products
76
www .littelfuse .com
Mechanical Dimensions
BA SERIES
C
L
100
±1 (3.94± .039")
23.5
±.75 (.925± .030")
Ordering Information
BB SERIES
7.0
(0.28)
C
L
VARISTOR
VM(AC)
First Significant Digits
DISC SIZE (60mm)
VXXXXX60
SERIES DESIGNATOR
VM(AC)
Decade Multiplier
NOTES:
1. Typical weight:
BA............................................................................................ ..250g
BB...............................................................................................600g
Dimensions are in mm; inches in parentheses for reference only.
Next
Previous



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com