Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GSB Datasheet(PDF) 13 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 9Page - STMicroelectronics M58LT128GSB Datasheet HTML 10Page - STMicroelectronics M58LT128GSB Datasheet HTML 11Page - STMicroelectronics M58LT128GSB Datasheet HTML 12Page - STMicroelectronics M58LT128GSB Datasheet HTML 13Page - STMicroelectronics M58LT128GSB Datasheet HTML 14Page - STMicroelectronics M58LT128GSB Datasheet HTML 15Page - STMicroelectronics M58LT128GSB Datasheet HTML 16Page - STMicroelectronics M58LT128GSB Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 98 page
background image
M58LT128GST, M58LT128GSB
2 Signal descriptions
13/98
2
Signal descriptions
See Figure 1: Logic Diagram and Table 1: Signal Names, for a brief overview of the signals
connected to this device.
2.1
Address Inputs (A0-A22)
The Address Inputs select the cells in the memory array to access during Bus Read operations.
During Bus Write operations they control the commands sent to the Command Interface of the
Program/Erase Controller.
2.2
Data Input/Output (DQ0-DQ15)
The Data I/O output the data stored at the selected address during a Bus Read operation or
input a command or the data to be programmed during a Bus Write operation.
2.3
Chip Enable (E)
The Chip Enable input activates the memory control logic, input buffers, decoders and sense
amplifiers. When Chip Enable is at VILand Reset is at VIH the device is in active mode. When
Chip Enable is at VIH the memory is deselected, the outputs are high impedance and the power
consumption is reduced to the stand-by level.
2.4
Output Enable (G)
The Output Enable input controls data outputs during the Bus Read operation of the memory.
2.5
Write Enable (W)
The Write Enable input controls the Bus Write operation of the memory’s Command Interface.
The data and address inputs are latched on the rising edge of Chip Enable or Write Enable
whichever occurs first.
2.6
Reset (RP)
The Reset input provides a hardware reset of the memory. When Reset is at VIL, the memory is
in reset mode: the outputs are high impedance and the current consumption is reduced to the
Reset Supply Current IDD2. Refer to Table 20: DC Characteristics - Currents, for the value of
IDD2. After Reset all blocks are in the Protected state and the Configuration Register is reset.
When Reset is at VIH, the device is in normal operation. Exiting reset mode the device enters
asynchronous read mode, but a negative transition of Chip Enable or Latch Enable is required
to ensure valid data outputs.
The Reset pin can be interfaced with 3V logic without any additional circuitry. It can be tied to
VRPH (refer to Table 21: DC Characteristics - Voltages).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com