Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GSB Datasheet(PDF) 16 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 12Page - STMicroelectronics M58LT128GSB Datasheet HTML 13Page - STMicroelectronics M58LT128GSB Datasheet HTML 14Page - STMicroelectronics M58LT128GSB Datasheet HTML 15Page - STMicroelectronics M58LT128GSB Datasheet HTML 16Page - STMicroelectronics M58LT128GSB Datasheet HTML 17Page - STMicroelectronics M58LT128GSB Datasheet HTML 18Page - STMicroelectronics M58LT128GSB Datasheet HTML 19Page - STMicroelectronics M58LT128GSB Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 98 page
background image
3 Bus operations
M58LT128GST, M58LT128GSB
16/98
3
Bus operations
There are six standard bus operations that control the device. These are Bus Read, Bus Write,
Address Latch, Output Disable, Standby and Reset. See Table 3: Bus Operations, for a
summary.
Typically glitches of less than 5ns on Chip Enable or Write Enable are ignored by the memory
and do not affect Bus Write operations.
3.1
Bus Read
Bus Read operations are used to output the contents of the Memory Array, the Electronic
Signature, the Status Register and the Common Flash Interface. Both Chip Enable and Output
Enable must be at VIL in order to perform a read operation. The Chip Enable input should be
used to enable the device. Output Enable should be used to gate data onto the output. The
data read depends on the previous command written to the memory (see Command Interface
section). See Figure 9, Figure 11 and Figure 12 Read AC Waveforms, and Table 22 and
Table 23 Read AC Characteristics, for details of when the output becomes valid.
3.2
Bus Write
Bus Write operations write Commands to the memory or latch Input Data to be programmed. A
bus write operation is initiated when Chip Enable and Write Enable are at VIL with Output
Enable at VIH. Commands, Input Data and Addresses are latched on the rising edge of Write
Enable or Chip Enable, whichever occurs first. The addresses can also be latched prior to the
write operation by toggling Latch Enable. In this case the Latch Enable should be tied to VIH
during the bus write operation. See Figure 15 and Figure 16, Write AC Waveforms, and
Table 24 and Table 25, Write AC Characteristics, for details of the timing requirements.
3.3
Address Latch
Address latch operations input valid addresses. Both Chip enable and Latch Enable must be at
VIL during address latch operations. The addresses are latched on the rising edge of Latch
Enable.
3.4
Output Disable
The outputs are high impedance when the Output Enable is at VIH.
3.5
Standby
Standby disables most of the internal circuitry allowing a substantial reduction of the current
consumption. The memory is in standby when Chip Enable and Reset are at VIH. The power
consumption is reduced to the standby level IDD3 and the outputs are set to high impedance,
independently from the Output Enable or Write Enable inputs. If Chip Enable switches to VIH
during a program or erase operation, the device enters Standby mode when finished.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com