Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M58LT128GSB Datasheet(PDF) 36 Page - STMicroelectronics

Part # M58LT128GSB
Description  128Mbit (8Mb x16, Multiple Bank, Multi-Level, Burst) 1.8V Supply Secure Flash Memories
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128GSB Datasheet(HTML) 36 Page - STMicroelectronics

Back Button M58LT128GSB Datasheet HTML 32Page - STMicroelectronics M58LT128GSB Datasheet HTML 33Page - STMicroelectronics M58LT128GSB Datasheet HTML 34Page - STMicroelectronics M58LT128GSB Datasheet HTML 35Page - STMicroelectronics M58LT128GSB Datasheet HTML 36Page - STMicroelectronics M58LT128GSB Datasheet HTML 37Page - STMicroelectronics M58LT128GSB Datasheet HTML 38Page - STMicroelectronics M58LT128GSB Datasheet HTML 39Page - STMicroelectronics M58LT128GSB Datasheet HTML 40Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 98 page
background image
6 Configuration Register
M58LT128GST, M58LT128GSB
36/98
Refer to Figure 5: X-Latency and Data Output Configuration Example.
6.3
Wait Polarity Bit (CR10)
The Wait Polarity bit is used to set the polarity of the Wait signal used in Synchronous Burst
Read mode. During Synchronous Burst Read mode the Wait signal indicates whether the data
output are valid or a WAIT state must be inserted.
When the Wait Polarity bit is set to ‘0’ the Wait signal is active Low. When the Wait Polarity bit is
set to ‘1’ the Wait signal is active High.
6.4
Data Output Configuration Bit (CR9)
The Data Output Configuration bit is used to configure the output to remain valid for either one
or two clock cycles during synchronous mode.
When the Data Output Configuration Bit is ’0’ the output data is valid for one clock cycle, when
the Data Output Configuration Bit is ’1’ the output data is valid for two clock cycles.
The Data Output Configuration must be configured using the following condition:
●
tK > tKQV + tQVK_CPU
where
●
tK is the clock period
●
tQVK_CPU is the data setup time required by the system CPU
●
tKQV is the clock to data valid time.
If this condition is not satisfied, the Data Output Configuration bit should be set to ‘1’ (two clock
cycles). Refer to Figure 5: X-Latency and Data Output Configuration Example.
6.5
Wait Configuration Bit (CR8)
The Wait Configuration bit is used to control the timing of the Wait output pin, WAIT, in
Synchronous Burst Read mode.
When WAIT is asserted, Data is Not Valid and when WAIT is deasserted, Data is Valid.
When the Wait Configuration bit is Low (set to ’0’) the Wait output pin is asserted during the
WAIT state. When the Wait Configuration bit is High (set to ’1’), the Wait output pin is asserted
one data cycle before the WAIT state.
6.6
Burst Type Bit (CR7)
The Burst Type bit determines the sequence of addresses read during Synchronous Burst
Reads.
The Burst Type bit is High (set to ’1’), as the memory outputs from sequential addresses only.
See Table 11: Burst Type Definition, for the sequence of addresses output from a given starting
address in sequential mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com