Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753673 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1753673
Description  FKCVR 2,5/14-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753673 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1753673 Datasheet HTML 1Page - PHOENIX CONTACT 1753673 Datasheet HTML 2Page - PHOENIX CONTACT 1753673 Datasheet HTML 3Page - PHOENIX CONTACT 1753673 Datasheet HTML 4Page - PHOENIX CONTACT 1753673 Datasheet HTML 5Page - PHOENIX CONTACT 1753673 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
FKCVR 2,5/14-ST Order No.: 1909838
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1909838
PHOENIX CONTACT Deutschland GmbH
Page 3 / 6
http://www.phoenixcontact.de
Feb 3, 2011
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, min.
0.5 mm²
2 conductors with same cross section, stranded,
TWIN ferrules with plastic sleeve, max.
1.5 mm²
Minimum AWG according to UL/CUL
26
Maximum AWG according to UL/CUL
12
Certificates / Approvals
Certification
CB, CUL, GOST, UL, VDE-PZI
Accessories
Item
Designation
Description
Assembly
1876880
STZ 8-FKC-5,08
Strain relief for snapping into the latching chambers of the plug
components, 8-pos.
1876877
STZ 4-FKC-5,08
Strain relief for snapping into the latching chambers of the plugs,
4-pos.
Marking
0804183
SK 5/3,8:FORTL.ZAHLEN
Marker card, printed horizontally, self-adhesive, 12 identical
decades marked 1-10, 11-20 etc. up to 91-(99)100, sufficient for
120 terminal blocks
Plug/Adapter
1734634
CP-MSTB
Keying profile, is inserted into the slot on the plug or inverted
header, red insulating material
0201744
MPS-MT
Test plugs
0201647
RPS
Reducing plug, Color: gray
Tools
1205053
SZS 0,6X3,5
Actuation tool, for ST terminal blocks, insulated, also suitable
for use as a bladed screwdriver, size: 0.6 x 3.5 x 100 mm, 2-
component grip, with non-slip grip



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com