Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753673 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1753673
Description  FKCVR 2,5/14-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753673 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1753673 Datasheet HTML 1Page - PHOENIX CONTACT 1753673 Datasheet HTML 2Page - PHOENIX CONTACT 1753673 Datasheet HTML 3Page - PHOENIX CONTACT 1753673 Datasheet HTML 4Page - PHOENIX CONTACT 1753673 Datasheet HTML 5Page - PHOENIX CONTACT 1753673 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 3, 2011
Extract from the online
catalog
 
FKCVR 2,5/14-ST
Order No.: 1909838
The figure shows a 10-position version of the product
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1909838
 
 
Plug component, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface: Sn
 
Commercial data
GTIN (EAN)
4
017918
174613
Note
Made-to-order
sales group
E111
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 216 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Pitch
5 mm
Dimension a
65 mm
Number of positions
14


Similar Part No. - 1753673

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1753673 PHOENIX-1753673 Datasheet
148Kb / 5P
MSTBV 2,5/14-G
1753673 PHOENIX-1753673 Datasheet
141Kb / 6P
MSTB 2,5/14-ST
More results

Similar Description - 1753673

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1860662 PHOENIX-1860662 Datasheet
410Kb / 12P
FKCOW 2,5/14-ST-5,08
1861357 PHOENIX-1861357 Datasheet
251Kb / 12P
FKCOR 2,5/14-ST-5,08
1754685 PHOENIX-1754685 Datasheet
141Kb / 6P
MSTB 2,5/14-ST
1759703 PHOENIX-1759703 Datasheet
97Kb / 2P
MSTB 2,5/14-ST-5,08 BK
1947560 PHOENIX-1947560 Datasheet
42Kb / 2P
Printed-circuit board connector - FKCVR 2,5/ 6-ST-RF
1967922 PHOENIX-1967922 Datasheet
62Kb / 4P
Printed-circuit board connector - FKCVR 2,5/ 5-ST-5,08 AU
1874099 PHOENIX-1874099 Datasheet
530Kb / 16P
PCB connector - FKCVR 2,5/16-ST-5,08
Jan 5, 2023
1732852 PHOENIX-1732852 Datasheet
1Mb / 25P
PCB connector - FKCN 2,5/14-ST
1909760 PHOENIX-1909760 Datasheet
1Mb / 24P
FKCVR 2,5/ 7-ST - PCB connector
1910791 PHOENIX-1910791 Datasheet
549Kb / 13P
FKIC 2,5/14-ST - PCB connector
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com