Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1753673 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 1753673
Description  FKCVR 2,5/14-ST
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1753673 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  1753673 Datasheet HTML 1Page - PHOENIX CONTACT 1753673 Datasheet HTML 2Page - PHOENIX CONTACT 1753673 Datasheet HTML 3Page - PHOENIX CONTACT 1753673 Datasheet HTML 4Page - PHOENIX CONTACT 1753673 Datasheet HTML 5Page - PHOENIX CONTACT 1753673 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
FKCVR 2,5/14-ST Order No.: 1909838
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1909838
PHOENIX CONTACT Deutschland GmbH
Page 4 / 6
http://www.phoenixcontact.de
Feb 3, 2011
Additional products
Item
Designation
Description
General
0707219
DFK-MSTB 2,5/14-G
Plug component, Nominal current: 12 A, Rated voltage (III/2):
320 V, Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Direct mounting, Accessory order no.
5030172 can only be used in conjunction with MSTB 2,5/...ST and
MSTBT 2,5/...ST.
1899964
EMSTBA 2,5/14-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1914975
EMSTBVA 2,5/14-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Press-in
1762813
MDSTB 2,5/14-G1
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1762965
MDSTBV 2,5/14-G1
Header, Nominal current: 10 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal
surface: Sn, Assembly: Soldering, In combination with MVSTB
or FKCV plug components, both an MVSTBW (or FKCVW) and
an MVSTBR plug (or FKCVR) must be used. Combination with
TMSTBP plug components is not possible!
1754672
MSTB 2,5/14-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1768309
MSTB 2,5/14-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1757585
MSTBA 2,5/14-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1770601
MSTBA 2,5/14-G-LA
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1753673
MSTBV 2,5/14-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering
1755626
MSTBVA 2,5/14-G
Header, Nominal current: 12 A, Rated voltage (III/2): 320 V,
Number of positions: 14, Pitch: 5 mm, Color: green, Metal surface:
Sn, Assembly: Soldering



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com