Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS310 Datasheet(PDF) 1 Page - Bourns Electronic Solutions

Part # BPS310
Description  BPS310 Series - 12 mm Uncompensated Low Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS310 Datasheet(HTML) 1 Page - Bourns Electronic Solutions

  BPS310 Datasheet HTML 1Page - Bourns Electronic Solutions BPS310 Datasheet HTML 2Page - Bourns Electronic Solutions BPS310 Datasheet HTML 3Page - Bourns Electronic Solutions BPS310 Datasheet HTML 4Page - Bourns Electronic Solutions BPS310 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Features
n
Uncompensated,mVoutput
n
Ultra-lowpressuresensing
n
Absoluteanddifferentialtypes
n
Foruseinclean,dryairandnon-corrosive
gasenvironments
n
Tapeandreelpackaging
n
RoHScompliant*
Applications
Industrial:
n
HVACsystems
n
Processmonitoring
n
Packagingautomation
**MedicalDevices(low/mediumrisk):
n
Diagnosticequipment
n
Analysisequipment
BPS310 Series - 12 mm Uncompensated Low Pressure Sensor
* RoHS3Directive2015/863AmendmentsofAnnexIIonMarch31,2015
**Bourns®productshavenotbeendesignedforandarenotintendedforusein“lifesaving,”“life-critical”or“life-sustaining”applicationsnoranyotherapplications
wherefailureormalfunctionoftheBourns®productmayresultinpersonalinjuryordeath.SeeLegalDisclaimerNoticeonthelastpageofthisdocument,andat
www.bourns.com/docs/legal/disclaimer.pdf.
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
Electrical Characteristics
Supply Voltage (Vs).......................................................................................................................................................5 V typical, 15 V maximum
Impedance................................................................................................................................................................................................... 5 ±1 kΩ
Supply Current @ 5 V ..................................................................................................................................................................3.0 mA maximum
Performance Characteristics
Operating Temperature................................................................................................................................... -40 °C to +85 °C (-40 °F to +185 °F)
Storage Temperature....................................................................................................................................-55 °C to +100 °C (-67 °C to +212 °F)
Pressure Range......................................................................................0.15 to 1.0 psi (10.3 to 68.9 mbar; 1.03 to 6.89 KPa; 4.2 to 27.7 in H2O)
5 to 30 psi (0.34 to 2.1bar; 34.5 to 207 KPa)
Offset (1) ...................................................................................................................................................................................................... ±10 mV
Non-linearity (2) ......................................................................................................................................................................................±0.25 %FS
Pressure Hysteresis .................................................................................................................................................................±0.1 %FS (@25 °C)
Temperature Coefficient – Zero (3).......................................................................................................................................................±20 µV/V/°C
0.15psi to 1.00psi:
Temperature Coefficient – Resistance (3)............................................................................................................................2500 ± 500 PPM/°C
Temperature Coefficient – Sensitivity (0.15 psi) (3) ............................................................................................................-3000 ± 500 PPM/°C
Temperature Coefficient – Sensitivity (0.2 psi – 1 psi) (3)...................................................................................................-2500 ± 500 PPM/°C
Long-Term Stability..........................................................................................................................................................±0.25 %FS (@125 °C)
Proof Pressure..............................................................................................................................................................5X (Full Scale Pressure)
Burst Pressure..........................................................................................................................................................................................10 PSI
5psi to 30psi:
Temp Coefficient – Resistance (3) .............................................................................................................................3100 + 400 /- 600 PPM/°C
Temp Coefficient – Sensitivity (3) .......................................................................................................................................-2000 ± 500 PPM/°C
Long-Term Stability............................................................................................................................................................±0.1 %FS (@125 °C)
Burst Pressure............................................................................................................................................................10X (Full Scale Pressure)
Full Scale Output (@ 5 volts):
0.15psi (4 in H2O; 1.03 KPa)........................................................................................................................................................ 37.5 ± 7.5 mV
0.30psi (8.3 in H2O; 2.1 KPa)............................................................................................................................................................. 45 ± 9 mV
1.00psi (27 in H2O; 6.9 KPa)............................................................................................................................................................ 50 ± 10 mV
5 psi (0.34 bar; 34.5 KPa)............................................................................................................................................................... 133 ± 27 mV
15 psi (1 bar; 103 KPa)................................................................................................................................................................... 150 ± 30 mV
30 psi (2.1 bar; 207 KPa)................................................................................................................................................................ 160 ± 32 mV
Product Characteristics
Media Compatibility .........................................................................................................................................................Non-corrosive dry gasses
Moisture Sensitivity Level.......................................................................................................................................................................................1
ESD Classification (HBM)..................................................................................................................................................................................2 kV
Marking..................................................................................Partial model number, media compatibility, pressure type, pressure rating, lot code
Standard Packaging ............................................................................................................................................................................ 250 pcs./reel
Weight .................................................................................................................................................................................1.307 grams (0.046 oz)
Notes:
(1) Zero pressure, gauge only, at 25 °C
(2) Best fit straight line at 25 °C
(3) -25 °C to +75 °C
Asia-Pacific: Tel: +886-2 2562-4117 • Email: asiacus@bourns.com
EMEA: Tel: +36 88 885 877 • Email: eurocus@bourns.com
The Americas: Tel: +1-951 781-5500 • Email: americus@bourns.com
www.bourns.com


Similar Part No. - BPS310

ManufacturerPart #DatasheetDescription
logo
B. B. Battery Co., Ltd.
BPS3-12 BB-BATTERY-BPS3-12 Datasheet
108Kb / 1P
Maintenance Free(topping up not needed)
BPS3-6 BB-BATTERY-BPS3-6 Datasheet
109Kb / 1P
Maintenance Free(topping up not needed)
BPS3.6-12 BB-BATTERY-BPS3.6-12 Datasheet
109Kb / 1P
Maintenance Free(topping up not needed)
logo
K.A. Schmersal GmbH & C...
BPS300 SCHMERSAL-BPS300 Datasheet
73Kb / 1P
SWITCH, SAFETY, MAGNETIC; For Use With:Safety Sensors; IP / NEMA Rating:-; Product Range:-
2011-04-21
BPS300 SCHMERSAL-BPS300 Datasheet
282Kb / 3P
Thermoplastic enclosure
More results

Similar Description - BPS310

ManufacturerPart #DatasheetDescription
logo
Sensortechnics GmbH
24PC0035D2 SENSORTECHNICS-24PC0035D2 Datasheet
60Kb / 4P
Unamplified, uncompensated pressure sensors
24PC0050DSMT SENSORTECHNICS-24PC0050DSMT Datasheet
181Kb / 4P
Unamplified, uncompensated pressure sensors
24PC0070DSMT SENSORTECHNICS-24PC0070DSMT Datasheet
241Kb / 4P
Unamplified, uncompensated pressure sensors
logo
JL World Company Limite...
MPS-150A JLWORLD-MPS-150A Datasheet
1Mb / 5P
Uncompensated, Absolute Pressure Sensor
MPS-500G JLWORLD-MPS-500G Datasheet
1Mb / 6P
Uncompensated, Non-Invasive Medical Pressure Sensor.
logo
Freescale Semiconductor...
MPXC12DT1 FREESCALE-MPXC12DT1 Datasheet
75Kb / 5P
10 kPa Uncompensated Silicon Pressure Sensor
logo
Bourns Electronic Solut...
BPS110 BOURNS-BPS110 Datasheet
537Kb / 5P
12 mm Analog Low Pressure Sensor
BPS120 BOURNS-BPS120 Datasheet
726Kb / 6P
12 mm Digital Low Pressure Sensor
BPS125 BOURNS-BPS125 Datasheet
784Kb / 6P
BPS125 Series - 12 mm Digital Low Pressure Sensor
logo
Silicon Microstructures...
SM9D SMI-SM9D Datasheet
934Kb / 9P
Uncompensated SO-16 Pressure Sensor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com