Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS310 Datasheet(PDF) 3 Page - Bourns Electronic Solutions

Part # BPS310
Description  BPS310 Series - 12 mm Uncompensated Low Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS310 Datasheet(HTML) 3 Page - Bourns Electronic Solutions

  BPS310 Datasheet HTML 1Page - Bourns Electronic Solutions BPS310 Datasheet HTML 2Page - Bourns Electronic Solutions BPS310 Datasheet HTML 3Page - Bourns Electronic Solutions BPS310 Datasheet HTML 4Page - Bourns Electronic Solutions BPS310 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
BPS310 Series - 12 mm Uncompensated Low Pressure Sensor
Product Dimensions
10.2
(0.402)
1234
8765
1.3
(0.051)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
11.3
(0.445)
8.4
(0.331)
11.4
(0.449)
12.7
(0.500)
2.2
(0.087)
DIA.
2.5
(0.098)
SMT LANDING PAD LAYOUT
1.9
(0.075)
3.6
(0.142)
8
7
6
5
1
2
3
4
Recommended PCB Layout
10.2
(0.402)
1234
8765
1.3
(0.051)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
2.5
(0.098)
11.3
(0.445)
8.4
(0.331)
11.4
(0.449)
12.7
(0.500)
2.2
(0.087)
DIA.
2.5
(0.098)
SMT LANDING PAD LAYOUT
1.9
(0.075)
3.6
(0.142)
8
7
6
5
1
2
3
4
TOLERANCES: 0.3
(0.012)
DIMENSIONS:
MM
(INCHES)
How To Order
BPS310 - A D 01P0 - 2 D G
Model Series
Uncompensated, mV output
Media Compatibility
A = Air/Gas
Pressure Type
A = Absolute (15 and 30 psi only)
D = Differential
Pressure (psi)
0P15 = 0.15
0P30 = 0.30
01P0 = 1.0
015P = 15
030P = 30
Terminal Pins
2 = Surface Mount Terminals
Port Style
D = Dual Port, Horizontal
Packaging Designator
G = 250 pcs. per 13-inch Reel



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com