Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BPS310 Datasheet(PDF) 2 Page - Bourns Electronic Solutions

Part # BPS310
Description  BPS310 Series - 12 mm Uncompensated Low Pressure Sensor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOURNS [Bourns Electronic Solutions]
Direct Link  http://www.bourns.com
Logo BOURNS - Bourns Electronic Solutions

BPS310 Datasheet(HTML) 2 Page - Bourns Electronic Solutions

  BPS310 Datasheet HTML 1Page - Bourns Electronic Solutions BPS310 Datasheet HTML 2Page - Bourns Electronic Solutions BPS310 Datasheet HTML 3Page - Bourns Electronic Solutions BPS310 Datasheet HTML 4Page - Bourns Electronic Solutions BPS310 Datasheet HTML 5Page - Bourns Electronic Solutions  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3312 - 2 mm SMD Trimming Potentiometer
Specificationsaresubjecttochangewithoutnotice.
Usersshouldverifyactualdeviceperformanceintheirspecificapplications.
Theproductsdescribedhereinandthisdocumentaresubjecttospecificlegaldisclaimersassetforthonthelastpageofthisdocument,andatwww.bourns.com/docs/legal/disclaimer.pdf.
BPS310 Series - 12 mm Uncompensated Low Pressure Sensor
Terminal Assignment
DEVICE PINOUT
OPEN
CLOSE
P1
+IN
+IN
P2
+O
+O
P3
-IN
-IN
P4
-O
-O
P5
+IN
N/C
P6
N/C
N/C
P7
N/C
N/C
P8
-IN
N/C
Transfer Function Formula
Consult factory for custom options such as supply voltage,
temperature calibration range, output range accuracy
specification, and update rate.
Vout = (250 * P) + Offset ± Error
Where
Offset
= 0 mV
Error
= 0 mV
Vs
= 5.0 V
TEMP
= 25 °C
Sensor Bridge Configuration
1
5
V+IN
V+OUT
V-OUT
V+IN
V-IN
V-IN
OPEN
8
3
2
4



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com