Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3040407 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 3040407
Description  SC 2,5/ 2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040407 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  3040407 Datasheet HTML 1Page - PHOENIX CONTACT 3040407 Datasheet HTML 2Page - PHOENIX CONTACT 3040407 Datasheet HTML 3Page - PHOENIX CONTACT 3040407 Datasheet HTML 4Page - PHOENIX CONTACT 3040407 Datasheet HTML 5Page - PHOENIX CONTACT 3040407 Datasheet HTML 6Page - PHOENIX CONTACT 3040407 Datasheet HTML 7Page - PHOENIX CONTACT 3040407 Datasheet HTML 8Page - PHOENIX CONTACT 3040407 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
SC 2,5/ 2 Order No.: 3041312
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3041312
PHOENIX CONTACT Deutschland GmbH
Page 3 / 11
http://www.phoenixcontact.de
Feb 10, 2011
Certificates / Approvals
Certification
BV, CUL, DNV, GL, GOST, LR, UL
Accessories
Item
Designation
Description
Assembly
3042243
D-SC 2,5
End cover, Length: 43.5 mm, Width: 2.2 mm, Color: gray
3040562
PDZ/2
Strain relief, Length: 3 mm, Width: 9.6 mm, Height: 23 mm,
Number of positions: 2, Color: black
3040575
PDZ/4
Strain relief, Length: 3 mm, Width: 19.9 mm, Height: 23 mm,
Number of positions: 4, Color: black
Marking
1051993
B-STIFT
Marker pen, for manual labeling of unprinted Zack strips, smear-
proof and waterproof, line thickness 0.5 mm
0811228
X-PEN 0,35
Marker pen without ink cartridge, for manual labeling of markers,
labeling extremely wipe-proof, line thickness 0.35 mm
0808671
ZBF 5,LGS:FORTL.ZAHLEN
Zack marker strip, flat, printed horizontally: 10-section, with the
numbers 1 - 10, 11 - 20, and so on up to 491 - 500, color: white
0808642
ZBF 5:UNBEDRUCKT
Zack strip, flat, unprinted: 10-section, for individual labeling with
M-PEN or ZBF-T, sufficient for 100 terminal blocks, color: white
Plug/Adapter
3002843
ISH 2,5/0,2
Insulation stop sleeve, Color: white
3002856
ISH 2,5/0,5
Insulation stop sleeve, Color: gray
3002869
ISH 2,5/1,0
Insulation stop sleeve, Color: black
0201702
MPS-IH GN
Insulating sleeve, Color: green
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201744
MPS-MT
Test plugs
3030983
PS-5
Test adapter, Color: red



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com