Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3040407 Datasheet(PDF) 5 Page - PHOENIX CONTACT

Part # 3040407
Description  SC 2,5/ 2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040407 Datasheet(HTML) 5 Page - PHOENIX CONTACT

  3040407 Datasheet HTML 1Page - PHOENIX CONTACT 3040407 Datasheet HTML 2Page - PHOENIX CONTACT 3040407 Datasheet HTML 3Page - PHOENIX CONTACT 3040407 Datasheet HTML 4Page - PHOENIX CONTACT 3040407 Datasheet HTML 5Page - PHOENIX CONTACT 3040407 Datasheet HTML 6Page - PHOENIX CONTACT 3040407 Datasheet HTML 7Page - PHOENIX CONTACT 3040407 Datasheet HTML 8Page - PHOENIX CONTACT 3040407 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
SC 2,5/ 2 Order No.: 3041312
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3041312
PHOENIX CONTACT Deutschland GmbH
Page 5 / 11
http://www.phoenixcontact.de
Feb 10, 2011
3040355
SP 2,5/11
Connectors, Type of connection: Spring-cage connection, Number
of positions: 11, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 57.2 mm, Height: 39 mm, Color: gray
3040368
SP 2,5/12
Connectors, Type of connection: Spring-cage connection, Number
of positions: 12, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 62.4 mm, Height: 39 mm, Color: gray
3040371
SP 2,5/13
Connectors, Type of connection: Spring-cage connection, Number
of positions: 13, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 67.6 mm, Height: 39 mm, Color: gray
3040384
SP 2,5/14
Connectors, Type of connection: Spring-cage connection, Number
of positions: 14, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 72.8 mm, Height: 39 mm, Color: gray
3040397
SP 2,5/15
Connectors, Type of connection: Spring-cage connection, Number
of positions: 15, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 78 mm, Height: 39 mm, Color: gray
3210619
SP-H 2,5/ 1
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: gray
3210761
SP-H 2,5/ 1 BU
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: blue
3210774
SP-H 2,5/ 1 GNYE
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: green-yellow
3210787
SP-H 2,5/ 1-L
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: gray
3210790
SP-H 2,5/ 1-L BU
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: blue
3210800
SP-H 2,5/ 1-L GNYE
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: green-yellow
3210813
SP-H 2,5/ 1-M
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: gray
3210826
SP-H 2,5/ 1-M BU
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: blue
3210839
SP-H 2,5/ 1-M GNYE
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: green-yellow
3210842
SP-H 2,5/ 1-R
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: gray
3210855
SP-H 2,5/ 1-R BU
Connectors, Type of connection: Spring-cage connection, Number
of positions: 1, Cross section: 0.08 mm² - 4 mm², AWG 28 - 12,
Width: 5.2 mm, Height: 39 mm, Color: blue



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com