Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3040407 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 3040407
Description  SC 2,5/ 2
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3040407 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  3040407 Datasheet HTML 1Page - PHOENIX CONTACT 3040407 Datasheet HTML 2Page - PHOENIX CONTACT 3040407 Datasheet HTML 3Page - PHOENIX CONTACT 3040407 Datasheet HTML 4Page - PHOENIX CONTACT 3040407 Datasheet HTML 5Page - PHOENIX CONTACT 3040407 Datasheet HTML 6Page - PHOENIX CONTACT 3040407 Datasheet HTML 7Page - PHOENIX CONTACT 3040407 Datasheet HTML 8Page - PHOENIX CONTACT 3040407 Datasheet HTML 9Page - PHOENIX CONTACT Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 11
http://www.phoenixcontact.de
Feb 10, 2011
Extract from the online
catalog
 
SC 2,5/ 2
Order No.: 3041312
The illustration shows a 6-position version
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3041312
 
 
Coupling, Type of connection: Spring-cage connection, Spring-cage
connection, Number of positions: 2, Cross section: 0.08 mm² - 4 mm²,
AWG 28 - 12, Width: 10.4 mm, Height: 18.8 mm, Color: gray
 
Commercial data
GTIN (EAN)
4
017918
922665
sales group
A672
Pack
50 pcs.
Customs tariff
85366990
Catalog page information
Page 268 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Color
gray
Insulating material
PA
Inflammability class acc. to UL 94
V0


Similar Part No. - 3040407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3040407 PHOENIX-3040407 Datasheet
154Kb / 11P
SC 2,5/ 1-L
3040407 PHOENIX-3040407 Datasheet
154Kb / 11P
SC 2,5/ 1-L BU
3040407 PHOENIX-3040407 Datasheet
155Kb / 11P
SC 2,5/ 1-L GNYE
3040407 PHOENIX-3040407 Datasheet
149Kb / 11P
SC 2,5/ 3
3040407 PHOENIX-3040407 Datasheet
149Kb / 11P
SC 2,5/ 4
More results

Similar Description - 3040407

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3042269 PHOENIX-3042269 Datasheet
149Kb / 11P
SC 2,5/ 3
3042272 PHOENIX-3042272 Datasheet
149Kb / 11P
SC 2,5/ 4
3042285 PHOENIX-3042285 Datasheet
149Kb / 11P
SC 2,5/ 5
3042298 PHOENIX-3042298 Datasheet
149Kb / 11P
SC 2,5/ 6
3041448 PHOENIX-3041448 Datasheet
149Kb / 11P
SC 2,5/15
3041367 PHOENIX-3041367 Datasheet
149Kb / 11P
SC 2,5/ 7
3041406 PHOENIX-3041406 Datasheet
143Kb / 30P
Coupling - SC 2,5/11
3041422 PHOENIX-3041422 Datasheet
143Kb / 30P
Coupling - SC 2,5/13
3041383 PHOENIX-3041383 Datasheet
149Kb / 11P
SC 2,5/ 9
3042311 PHOENIX-3042311 Datasheet
149Kb / 11P
SC 2,5/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com