Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J36FS Datasheet(PDF) 1 Page - VBsemi Electronics Co.,Ltd

Part # SSM3J36FS
Description  P-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSM3J36FS Datasheet(HTML) 1 Page - VBsemi Electronics Co.,Ltd

  SSM3J36FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
P-Channel 20 V (D-S) MOSFET
FEATURES
• TrenchFET® power MOSFET
• 100 % R tested
• Fast switching speed
APPLICATIONS
• Load / power switch for portable
devices
• Drivers: relays, solenoids, displays
• Battery operated systems
Notes
a. Maximum under steady state conditions is 650 °C/W.
b. Surface mounted on 1" x 1" FR4 board.
c. t = 5 s.
PRODUCT SUMMARY
VDS (V)
RDS(on) (
Ω)ID (A)
Qg (TYP.) (nC)
-20
0.450 at VGS = -4.5 V
-0.55
1
0.500 at VGS = -2.5 V
-0.50
0.600 at VGS = -1.8 V
-0.38
ABSOLUTE MAXIMUM RATINGS (TA = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
LIMIT
UNIT
Drain-Source Voltage
VDS
-20
V
Gate-Source Voltage
VGS
±
12
Continuous Drain Current (TJ = 150 °C)
TA = 25 °C
ID
-0.55 b, c
A
TA = 70 °C
-0.45 b, c
Pulsed Drain Current (t = 300 μs)
IDM
-1.8
Continuous Source-Drain Diode Current
TA = 25 °C
IS
-0.16 b, c
Maximum Power Dissipation
TA = 25 °C
PD
0.19 b, c
W
TA = 70 °C
0.12 b, c
Operating Junction and Storage Temperature Range
TJ, Tstg
-55 to +150
°C
THERMAL RESISTANCE RATINGS
PARAMETER
SYMBOL
TYPICAL
MAXIMUM
UNIT
Maximum Junction-to-Ambient a, b
t
≤ 5 s
RthJA
440
530
°C/W
Steady State
540
650
S
G
D
P-Channel MOSFET
SC−75 / SOT−416
2
1
3
Top View
2
1
S
D
G
3
SSM3J36FS
1
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw


Similar Part No. - SSM3J36FS

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM3J36FS TOSHIBA-SSM3J36FS Datasheet
191Kb / 5P
Power Management Switches
More results

Similar Description - SSM3J36FS

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI1467DH VISHAY-SI1467DH Datasheet
142Kb / 7P
P-Channel 20-V (D-S) MOSFET
02-Jun-08
SI2323DS VISHAY-SI2323DS_08 Datasheet
96Kb / 6P
P-Channel 20-V (D-S) MOSFET
25-Aug-08
SI3443CDV VISHAY-SI3443CDV Datasheet
145Kb / 7P
P-Channel 20-V (D-S) MOSFET
05-Nov-07
logo
Analog Power
AM2305PE ANALOGPOWER-AM2305PE Datasheet
346Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM2325P ANALOGPOWER-AM2325P Datasheet
133Kb / 6P
P-Channel 20-V (D-S) MOSFET
AM3405P ANALOGPOWER-AM3405P Datasheet
224Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM3441P ANALOGPOWER-AM3441P Datasheet
206Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM4463P ANALOGPOWER-AM4463P Datasheet
194Kb / 5P
P-Channel 20-V (D-S) MOSFET
AM40P02-20D ANALOGPOWER-AM40P02-20D Datasheet
144Kb / 3P
P-Channel 20-V (D-S) MOSFET
AM50P02-16D ANALOGPOWER-AM50P02-16D Datasheet
145Kb / 3P
P-Channel 20-V (D-S) MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com