Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J36FS Datasheet(PDF) 2 Page - VBsemi Electronics Co.,Ltd

Part # SSM3J36FS
Description  P-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSM3J36FS Datasheet(HTML) 2 Page - VBsemi Electronics Co.,Ltd

  SSM3J36FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Notes
a. Pulse test; pulse width
≤ 300 μs, duty cycle ≤ 2 %.
b. Guaranteed by design, not subject to production testing.
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation
of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to absolute maximum
rating conditions for extended periods may affect device reliability.
SPECIFICATIONS (TJ = 25 °C, unless otherwise noted)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
VDS
VGS = 0, ID = -250 μA
-20
-
-
V
VDS Temperature Coefficient
ΔVDS/TJ
ID = -250 μA
--12
-
mV/°C
VGS(th) Temperature Coefficient
ΔVGS(th)/TJ
-1.8
-
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = -250 μA
-0.4
-
-1
V
Gate-Source Leakage
IGSS
VDS = 0 V, VGS = ± 8 V
-
-
± 30
μA
VDS = 0 V, VGS = ± 4.5 V
-
-
± 1
Zero Gate Voltage Drain Current
IDSS
VDS = -20 V, VGS = 0 V
-
-
-1
VDS = -20 V, VGS = 0 V, TJ = 85 °C
-
-
-10
On-State Drain Current a
ID(on)
VDS =
≥ 5 V, VGS = -4.5 V
-1.5
-
-
A
Drain-Source On-State Resistance a
RDS(on)
VGS = -4.5 V, ID = -0.4 A
-
0.450
-
Ω
VGS = -2.5 V, ID = -0.2 A
-
0.500
-
VGS = -1.8 V, ID = -0.1 A
-
0.600
-
Forward Transconductance
gfs
VDS = -10 V, ID = 0.4 A
-
1
-
S
Dynamic b
Input Capacitance
Ciss
VDS = -10 V, VGS = 0 V, f = 1 MHz
-45
-
pF
Output Capacitance
Coss
-15
-
Reverse Transfer Capacitance
Crss
-10
-
Total Gate Charge
Qg
VDS = -10 V, VGS = -4.5 V, ID = -0.4 A
-
1.65
2.50
nC
VDS = -0 V, VGS = -2.5 V, ID = -0.4
-1
2
Gate-Source Charge
Qgs
-0.2
-
Gate-Drain Charge
Qgd
-0.26
-
Gate Resistance
Rg
f = 1 MHz
2.4
12
24
Ω
Turn-On Delay Time
td(on)
VDD = -10 V, RL = 33.3
Ω
ID
≅ -0.3 A, VGEN = -4.5 V, Rg = 1 Ω
-9
18
ns
Rise Time
tr
-10
20
Turn-Off DelayTime
td(off)
-10
20
Fall Time
tf
-8
16
Turn-On Delay Time
td(on)
VDD = -10 V, RL = 33.3
Ω
ID
≅ -0.3 A, VGEN = -8 V, Rg = 1 Ω
-1
2
Rise Time
tr
-8
16
Turn-Off DelayTime
td(off)
-9
18
Fall Time
tf
-5
10
Drain-Source Body Diode Characteristics
Pulse Diode Forward Current a
ISM
--
-1.5
A
Body Diode Voltage
VSD
IS = -0.3 A
-
-0.8
-1.2
V
Body Diode Reverse Recovery Time
trr
IF = -0.3 A, dI/dt = 100 A/μs
-16
24
ns
Body Diode Reverse Recovery Charge
Qrr
-
8
16
nC
Reverse Recovery Fall Time
ta
-11
-
ns
Reverse Recovery Rise Time
tb
-5
-
SSM3J36FS
2
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com