Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSM3J36FS Datasheet(PDF) 3 Page - VBsemi Electronics Co.,Ltd

Part # SSM3J36FS
Description  P-Channel 20 V (D-S) MOSFET
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VBSEMI [VBsemi Electronics Co.,Ltd]
Direct Link  www.VBsemi.com
Logo VBSEMI - VBsemi Electronics Co.,Ltd

SSM3J36FS Datasheet(HTML) 3 Page - VBsemi Electronics Co.,Ltd

  SSM3J36FS Datasheet HTML 1Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 2Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 3Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 4Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 5Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 6Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 7Page - VBsemi Electronics Co.,Ltd SSM3J36FS Datasheet HTML 8Page - VBsemi Electronics Co.,Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
TYPICAL CHARACTERISTICS (25 °C, unless otherwise noted)
Gate Current vs. Gate-Source Voltage
Output Characteristics
On-Resistance vs. Drain Current
Gate Current vs. Gate-Source Voltage
Transfer Characteristics
Capacitance
0.000
0.002
0.004
0.006
0.008
0.010
0
3
6
9
12
V
GS - Gate-Source Voltage (V)
T
J = 25 °C
V
DS - Drain-to-Source Voltage (V)
1.5
2
1
0.5
0
0.6
0.9
1.2
1.5
0.3
0
V
GS = 5 V thru 3 V
V
GS = 2.5 V
V
GS = 2 V
V
GS = 1.5 V
0
0.5
1
1.5
2
0
0.3
0.60.91.21.5
I
D - Drain Current (A)
V
GS = 1.8 V
V
GS = 2.5 V
V
GS = 4.5 V
10
-4
10
-5
10
-6
10
-7
10
-8
0
3
6
9
12
15
V
GS - Gate-to-Source Voltage (V)
T
J = 150 °C
T
J = 25 °C
V
GS - Gate-to-Source Voltage (V)
T
C = 125 °C
T
C = 25 °C
T
C = - 55 °C
1.6
2
1.2
0.4
0.8
0
0.4
0.6
0.8
0.2
0
0
18
36
54
72
90
0
5
10
15
20
V
DS -Drain-to-Source Voltage (V)
C
iss
C
oss
C
rss
SSM3J36FS
3
E-mail:China@VBsemi TEL:86-755-83251052
www.VBsemi.tw



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com