Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3023EMSE Datasheet(PDF) 1 Page - Linear Technology

Part # LT3023EMSE
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023EMSE Datasheet(HTML) 1 Page - Linear Technology

  LT3023EMSE Datasheet HTML 1Page - Linear Technology LT3023EMSE Datasheet HTML 2Page - Linear Technology LT3023EMSE Datasheet HTML 3Page - Linear Technology LT3023EMSE Datasheet HTML 4Page - Linear Technology LT3023EMSE Datasheet HTML 5Page - Linear Technology LT3023EMSE Datasheet HTML 6Page - Linear Technology LT3023EMSE Datasheet HTML 7Page - Linear Technology LT3023EMSE Datasheet HTML 8Page - Linear Technology LT3023EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
1
LT3023
3023f
APPLICATIO S
DESCRIPTIO
FEATURES
TYPICAL APPLICATIO
Dual 100mA,
Low Dropout, Low Noise,
Micropower Regulator
s
Low Noise: 20
µVRMS (10Hz to 100kHz)
s
Low Quiescent Current: 20
µA/Channel
s
Wide Input Voltage Range: 1.8V to 20V
s
Output Current: 100mA/Channel
s
Very Low Shutdown Current: <0.1
µA
s
Low Dropout Voltage: 300mV at 100mA
s
Adjustable Output from 1.22V to 20V
s
Stable with 1
µF Output Capacitor
s
Stable with Aluminum, Tantalum or
Ceramic Capacitors
s
Reverse Battery Protected
s
No Reverse Current
s
No Protection Diodes Needed
s
Overcurrent and Overtemperature Protected
s
Thermally Enhanced 10-Lead MSOP and DFN
Packages
The LT
®3023 is a dual, micropower, low noise, low drop-
out regulator. With an external 0.01
µF bypass capacitor,
output noise drops to 20
µVRMS over a 10Hz to 100kHz
bandwidth. Designed for use in battery-powered systems,
the low 20
µA quiescent current per channel makes it an
ideal choice. In shutdown, quiescent current drops to less
than 0.1
µA. Shutdown control is independent for each
channel, allowing for flexibility in power management. The
device is capable of operating over an input voltage from
1.8V to 20V, and can supply 100mA of output current from
each channel with a dropout voltage of 300mV. Quiescent
current is well controlled in dropout.
The LT3023 regulator is stable with output capacitors as
low as 1
µF. Small ceramic capacitors can be used without
the series resistance required by other regulators.
Internal protection circuitry includes reverse battery pro-
tection, current limiting, thermal limiting and reverse
current protection. The device is available as an adjustable
device with a 1.22V reference voltage. The LT3023 regu-
lator is available in the thermally enhanced 10-lead MSOP
and DFN packages.
10Hz to 100kHz Output Noise
3.3V/2.5V Low Noise Regulators
s
Cellular Phones
s
Pagers
s
Battery-Powered Systems
s
Frequency Synthesizers
s
Wireless Modems
, LTC and LT are registered trademarks of Linear Technology Corporation.
VOUT
100
µV/DIV
20
µVRMS
3023 TA01b
IN
SHDN2
0.01
µF
0.01
µF
10
µF
3023 TA01
OUT1
VIN
3.7V TO
20V
BYP1
ADJ1
OUT2
BYP2
ADJ2
GND
LT3023
3.3V AT100mA
20
µVRMS NOISE
2.5V AT100mA
20
µVRMS NOISE
1
µF
SHDN1
10
µF
422k
249k
261k
249k


Similar Part No. - LT3023EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3023 LINER-LT3023 Datasheet
208Kb / 16P
1.1A, Low Noise, Low Dropout Linear Regulator
LT3023 LINER-LT3023 Datasheet
286Kb / 24P
Dual 150mA Positive/Negative Low Noise
LT3023 LINER-LT3023 Datasheet
263Kb / 20P
3關A IQ, 20mA Low Dropout Linear Regulators
LT3023 LINER-LT3023 Datasheet
370Kb / 28P
1.5A Low Noise Fast Transient Response LDO Regulators
LT3023 LINER-LT3023 Datasheet
338Kb / 20P
Dual 500mA/500mA Low Dropout, Low Noise, Micropower Linear Regulator
More results

Similar Description - LT3023EMSE

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3024 LINER-LT3024 Datasheet
493Kb / 16P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3027 LINER-LT3027 Datasheet
308Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator wih Independent Inputs
LT3024 LINER-LT3024_1 Datasheet
265Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise,Micropower Regulator
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
logo
Micrel Semiconductor
MIC5202 MICREL-MIC5202_06 Datasheet
135Kb / 7P
Dual 100mA Low-Dropout Regulator
logo
Linear Technology
LT3027 LINER-LT3027_15 Datasheet
338Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator with Independent Inputs
LT3023 LINER-LT3023_15 Datasheet
279Kb / 16P
Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
LT3024 LINER-LT3024_15 Datasheet
263Kb / 20P
Dual 100mA/500mA Low Dropout, Low Noise, Micropower Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com