Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3023EMSE Datasheet(PDF) 3 Page - Linear Technology

Part # LT3023EMSE
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023EMSE Datasheet(HTML) 3 Page - Linear Technology

  LT3023EMSE Datasheet HTML 1Page - Linear Technology LT3023EMSE Datasheet HTML 2Page - Linear Technology LT3023EMSE Datasheet HTML 3Page - Linear Technology LT3023EMSE Datasheet HTML 4Page - Linear Technology LT3023EMSE Datasheet HTML 5Page - Linear Technology LT3023EMSE Datasheet HTML 6Page - Linear Technology LT3023EMSE Datasheet HTML 7Page - Linear Technology LT3023EMSE Datasheet HTML 8Page - Linear Technology LT3023EMSE Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LT3023
3023f
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
GND Pin Current (Per Channel)
ILOAD = 0mA
q
20
45
µA
VIN = VOUT(NOMINAL)
ILOAD = 1mA
q
55
100
µA
(Notes 5, 7)
ILOAD = 10mA
q
230
400
µA
ILOAD = 50mA
q
12
mA
ILOAD = 100mA
q
2.2
4
mA
Output Voltage Noise
COUT = 10µF, CBYP = 0.01µF, ILOAD = 100mA, BW = 10Hz to 100kHz
20
µVRMS
ADJ1/ADJ2 Pin Bias Current
(Notes 3, 8)
30
100
nA
Shutdown Threshold
VOUT = Off to On
q
0.8
1.4
V
VOUT = On to Off
q
0.25
0.65
V
SHDN1/SHDN2 Pin Current
VSHDN = 0V
q
0
0.5
µA
(Note 9)
VSHDN = 20V
q
13
µA
Quiescent Current in Shutdown
VIN = 6V, VSHDN = 0V (Both SHDN Pins)
0.01
0.1
µA
Ripple Rejection (Note 3)
VIN = 2.72V (Avg), VRIPPLE = 0.5VP-P, fRIPPLE = 120Hz,
55
65
dB
ILOAD = 50mA
Current Limit
VIN = 7V, VOUT = 0V
200
mA
VIN = 2.3V, ∆VOUT = – 5%
q
110
mA
Input Reverse Leakage Current
VIN = – 20V, VOUT = 0V
q
1mA
Reverse Output Current (Notes 3,10) VOUT = 1.22V, VIN < 1.22V
5
10
µA
The q denotes specifications which apply over the full operating temperature range, otherwise specifications are TA = 25°C. (Note 2)
ELECTRICAL CHARACTERISTICS
Note 6: Dropout voltage is the minimum input to output voltage differential
needed to maintain regulation at a specified output current. In dropout, the
output voltage will be equal to: VIN – VDROPOUT.
Note 7: GND pin current is tested with VIN = 2.44V and a current source
load. This means the device is tested while operating in its dropout region
or at the minimum input voltage specification. This is the worst-case GND
pin current. The GND pin current will decrease slightly at higher input
voltages.
Note 8: ADJ1 and ADJ2 pin bias current flows into the pin.
Note 9: SHDN1 and SHDN2 pin current flows into the pin.
Note 10: Reverse output current is tested with the IN pin grounded and the
OUT pin forced to the rated output voltage. This current flows into the OUT
pin and out the GND pin.
Note 11: For the LT3023 dropout voltage will be limited by the minimum
input voltage specification under some output voltage/load conditions. See
the curve of Minimum Input Voltage in the Typical Performance
Characteristics.
Note 1: Absolute Maximum Ratings are those values beyond which the life
of a device may be impaired.
Note 2: The LT3023 regulator is tested and specified under pulse load
conditions such that TJ ≈ TA. The LT3023 is 100% production tested at
TA = 25°C. Performance at – 40°C and 125°C is assured by design,
characterization and correlation with statistical process controls.
Note 3: The LT3023 is tested and specified for these conditions with the
ADJ1/ADJ2 pin connected to the corresponding OUT1/OUT2 pin.
Note 4: Operating conditions are limited by maximum junction
temperature. The regulated output voltage specification will not apply for
all possible combinations of input voltage and output current. When
operating at maximum input voltage, the output current range must be
limited. When operating at maximum output current, the input voltage
range must be limited.
Note 5: To satisfy requirements for minimum input voltage, the LT3023 is
tested and specified for these conditions with an external resistor divider
(two 250k resistors) for an output voltage of 2.44V. The external resistor
divider will add a 5
µA DC load on the output.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com