Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3023EMSE Datasheet(PDF) 6 Page - Linear Technology

Part # LT3023EMSE
Description  Dual 100mA, Low Dropout, Low Noise, Micropower Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3023EMSE Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3023EMSE Datasheet HTML 2Page - Linear Technology LT3023EMSE Datasheet HTML 3Page - Linear Technology LT3023EMSE Datasheet HTML 4Page - Linear Technology LT3023EMSE Datasheet HTML 5Page - Linear Technology LT3023EMSE Datasheet HTML 6Page - Linear Technology LT3023EMSE Datasheet HTML 7Page - Linear Technology LT3023EMSE Datasheet HTML 8Page - Linear Technology LT3023EMSE Datasheet HTML 9Page - Linear Technology LT3023EMSE Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
6
LT3023
3023f
TYPICAL PERFOR A CE CHARACTERISTICS
TEMPERATURE (
°C)
–50
100
3023 G20
050
80
70
60
50
40
30
20
10
0
–25
25
75
125
VIN = VOUT (NOMINAL) +
1V + 0.5VP-P RIPPLE
AT f = 120Hz
IL = 50mA
Input Ripple Rejection
Input Ripple Rejection
Minimum Input Voltage
TEMPERATURE (
°C)
–50
2.5
2.0
1.5
1.0
0.5
0
0
50
75
3023 G22
–25
25
100
125
IL = 100mA
IL = 50mA
Load Regulation
Output Noise Spectral Density
Output Noise Spectral Density
RMS Output Noise vs
Bypass Capacitor
FREQUENCY (kHz)
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
3023 G19
0.1
100
IL = 100mA
VIN = 2.3V + 50mVRMS RIPPLE
COUT = 10µF
CBYP = 0.01µF
CBYP = 1000pF
CBYP = 100pF
50
µs/DIV
COUT1, COUT2 = 10µF
CBYP1, CBYP2 = 0.01µF
∆IL1 = 10mA to 100mA
∆IL2 = 10mA to 100mA
VIN = 6V, VOUT1 = VOUT2 = 5V
VOUT1
20mV/DIV
VOUT2
20mV/DIV
3023 G21a
FREQUENCY (kHz)
100
90
80
70
60
50
40
30
20
10
0
0.01
1
10
1000
3023 G21b
0.1
100
ILOAD = 100mA PER CHANNEL
TEMPERATURE (
°C)
–50
0
–1
–2
–3
–4
–5
–6
–7
–8
–9
–10
050
75
3023 G23
–25
25
100
125
∆IL = 1mA TO 100mA
FREQUENCY (kHz)
0.01
1
10
100
3023 G24
0.1
10
1
0.1
0.01
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10µF
CBYP = 0
IL = 100mA
FREQUENCY (kHz)
0.01
1
10
100
3023 G25
0.1
10
1
0.1
0.01
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10µF
IL = 100mA
CBYP = 1000pF
CBYP = 100pF
CBYP = 0.01pF
CBYP (pF)
10
160
140
120
100
80
60
40
20
0
100
1k
10k
3023 G26
VOUT SET FOR 5V
VOUT =VADJ
COUT = 10µF
IL = 100mA
f = 10Hz TO 100kHz
Channel-to-Channel Isolation
Channel-to-Channel Isolation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com