Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 13 Page - STMicroelectronics

Part # M45PE40-VMP6TP
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6TP Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M45PE40-VMP6TP Datasheet HTML 9Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 10Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 11Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 12Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 13Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 14Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 15Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 16Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
13/35
M45PE40
Read Identification (RDID)
The Read Identification (RDID) instruction allows
the 8-bit manufacturer identification to be read, fol-
lowed by two bytes of device identification. The
manufacturer identification is assigned by JEDEC,
and has the value 20h for STMicroelectronics. The
device identification is assigned by the device
manufacturer, and indicates the memory type in
the first byte (40h), and the memory capacity of the
device in the second byte (13h).
Any Read Identification (RDID) instruction while
an Erase or Program cycle is in progress, is not
decoded, and has no effect on the cycle that is in
progress.
The device is first selected by driving Chip Select
(S) Low. Then, the 8-bit instruction code for the in-
struction is shifted in. This is followed by the 24-bit
device identification, stored in the memory, being
shifted out on Serial Data Output (Q), each bit be-
ing shifted out during the falling edge of Serial
Clock (C).
The instruction sequence is shown in Figure 9..
The Read Identification (RDID) instruction is termi-
nated by driving Chip Select (S) High at any time
during data output.
When Chip Select (S) is driven High, the device is
put in the Standby Power mode. Once in the
Standby Power mode, the device waits to be se-
lected, so that it can receive, decode and execute
instructions.
Table 5. Read Identification (RDID) Data-Out Sequence
Figure 9. Read Identification (RDID) Instruction Sequence and Data-Out Sequence
Manufacturer Identification
Device Identification
Memory Type
Memory Capacity
20h
40h
13h
C
D
S
2
1
3456789 10 11 12 13 14 15
Instruction
0
AI06809b
Q
Manufacturer Identification
High Impedance
MSB
15 14 13
3210
Device Identification
MSB
16 17 18
28 29 30 31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com