Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 18 Page - STMicroelectronics

Part # M45PE40-VMP6TP
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6TP Datasheet(HTML) 18 Page - STMicroelectronics

Back Button M45PE40-VMP6TP Datasheet HTML 14Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 15Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 16Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 17Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 18Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 19Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 20Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 21Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 35 page
background image
M45PE40
18/35
Page Program (PP)
The Page Program (PP) instruction allows bytes to
be programmed in the memory (changing bits from
1 to 0, only). Before it can be accepted, a Write En-
able (WREN) instruction must previously have
been executed. After the Write Enable (WREN) in-
struction has been decoded, the device sets the
Write Enable Latch (WEL).
The Page Program (PP) instruction is entered by
driving Chip Select (S) Low, followed by the in-
struction code, three address bytes and at least
one data byte on Serial Data Input (D). If the 8
least significant address bits (A7-A0) are not all
zero, all transmitted data exceeding the ad-
dressed page boundary wrap round, and are pro-
grammed from the start address of the same page
(the one whose 8 least significant address bits
(A7-A0) are all zero). Chip Select (S) must be driv-
en Low for the entire duration of the sequence.
The instruction sequence is shown in Figure 14..
If more than 256 bytes are sent to the device, pre-
viously latched data are discarded and the last 256
data bytes are guaranteed to be programmed cor-
rectly within the same page. If less than 256 Data
bytes are sent to device, they are correctly pro-
grammed at the requested addresses without hav-
ing any effects on the other bytes of the same
page.
For optimized timings, it is recommended to use
the Page Program (PP) instruction to program all
consecutive targeted Bytes in a single sequence
versus using several Page Program (PP) se-
quences with each containing only a few Bytes
(see AC Characteristics (33MHz operation)).
Chip Select (S) must be driven High after the
eighth bit of the last data byte has been latched in,
otherwise the Page Program (PP) instruction is not
executed.
As soon as Chip Select (S) is driven High, the self-
timed Page Program cycle (whose duration is tPP)
is initiated. While the Page Program cycle is in
progress, the Status Register may be read to
check the value of the Write In Progress (WIP) bit.
The Write In Progress (WIP) bit is 1 during the self-
timed Page Program cycle, and is 0 when it is
completed. At some unspecified time before the
cycle is complete, the Write Enable Latch (WEL)
bit is reset.
A Page Program (PP) instruction applied to a page
that is Hardware Protected is not executed.
Any Page Program (PP) instruction, while an
Erase, Program or Write cycle is in progress, is re-
jected without having any effects on the cycle that
is in progress.
Figure 14. Page Program (PP) Instruction Sequence
Note: 1. Address bits A23 to A19 are Don’t Care
2. 1
≤n ≤256
C
D
AI04044
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte n
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com