Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TP Datasheet(PDF) 34 Page - STMicroelectronics

Part # M45PE40-VMP6TP
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6TP Datasheet(HTML) 34 Page - STMicroelectronics

Back Button M45PE40-VMP6TP Datasheet HTML 27Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 28Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 29Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 30Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 31Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 32Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 33Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 34Page - STMicroelectronics M45PE40-VMP6TP Datasheet HTML 35Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 34 / 35 page
background image
M45PE40
34/35
REVISION HISTORY
Table 17. Document Revision History
Date
Version
Description of Revision
04-Dec-2003
1.2
First public release
23-Jan-2004
2.0
SO16 pin-out corrected
31-Mar-2004
3.0
Soldering temperature information clarified for RoHS compliant devices. Device grade
information clarified
05-Aug-2004
4.0
Device grade information further clarified
11-Jan-2005
5.0
Document promoted to Mature Datasheet. Minor wording changes.
Notes 1 and 2 removed from Table 16., Ordering Information Scheme. SO16 package
removed and SO8 wide package added.
4-Oct-2005
6.0
Added AC Characteristics (33MHz operation). An Easy Way to Modify Data, A Fast
Way to Modify Data, Page Write (PW) and Page Program (PP) sections updated to
explain optimal use of Page Write and Page Program instructions. Updated ICC3
values in Table 11., DC Characteristics. Updated Table 16., Ordering Information
Scheme. Ecopack® information added.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com