Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TG Datasheet(PDF) 12 Page - STMicroelectronics

Part # M45PE40-VMP6TG
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6TG Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M45PE40-VMP6TG Datasheet HTML 8Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 9Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 10Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 11Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 12Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 13Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 14Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 15Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 35 page
background image
M45PE40
12/35
Write Enable (WREN)
The Write Enable (WREN) instruction (Figure 7.)
sets the Write Enable Latch (WEL) bit.
The Write Enable Latch (WEL) bit must be set pri-
or to every Page Write (PW), Page Program (PP),
Page Erase (PE), and Sector Erase (SE) instruc-
tion.
The Write Enable (WREN) instruction is entered
by driving Chip Select (S) Low, sending the in-
struction code, and then driving Chip Select (S)
High.
Figure 7. Write Enable (WREN) Instruction Sequence
Write Disable (WRDI)
The Write Disable (WRDI) instruction (Figure 8.)
resets the Write Enable Latch (WEL) bit.
The Write Disable (WRDI) instruction is entered by
driving Chip Select (S) Low, sending the instruc-
tion code, and then driving Chip Select (S) High.
The Write Enable Latch (WEL) bit is reset under
the following conditions:
–Power-up
–
Write Disable (WRDI) instruction completion
–
Page Write (PW) instruction completion
–
Page Program (PP) instruction completion
–
Page Erase (PE) instruction completion
–
Sector Erase (SE) instruction completion
Figure 8. Write Disable (WRDI) Instruction Sequence
C
D
AI02281E
S
Q
2
1
34567
High Impedance
0
Instruction
C
D
AI03750D
S
Q
2
1
34567
High Impedance
0
Instruction



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com