Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TG Datasheet(PDF) 5 Page - STMicroelectronics

Part # M45PE40-VMP6TG
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6TG Datasheet(HTML) 5 Page - STMicroelectronics

  M45PE40-VMP6TG Datasheet HTML 1Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 2Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 3Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 4Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 5Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 6Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 7Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 8Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 35 page
background image
5/35
M45PE40
SIGNAL DESCRIPTION
Serial Data Output (Q). This output signal is
used to transfer data serially out of the device.
Data is shifted out on the falling edge of Serial
Clock (C).
Serial Data Input (D). This input signal is used to
transfer data serially into the device. It receives in-
structions, addresses, and the data to be pro-
grammed. Values are latched on the rising edge of
Serial Clock (C).
Serial Clock (C). This input signal provides the
timing of the serial interface. Instructions, address-
es, or data present at Serial Data Input (D) are
latched on the rising edge of Serial Clock (C). Data
on Serial Data Output (Q) changes after the falling
edge of Serial Clock (C).
Chip Select (S). When this input signal is High,
the device is deselected and Serial Data Output
(Q) is at high impedance. Unless an internal Read,
Program, Erase or Write cycle is in progress, the
device will be in the Standby Power mode (this is
not the Deep Power-down mode). Driving Chip
Select (S) Low selects the device, placing it in the
Active Power mode.
After Power-up, a falling edge on Chip Select (S)
is required prior to the start of any instruction.
Reset (Reset). The Reset (Reset) input provides
a hardware reset for the memory. In this mode, the
outputs are high impedance.
When Reset (Reset) is driven High, the memory is
in the normal operating mode. When Reset (Re-
set) is driven Low, the memory will enter the Reset
mode, provided that no internal operation is cur-
rently in progress. Driving Reset (Reset) Low while
an internal operation is in progress has no effect
on that internal operation (a write cycle, program
cycle, or erase cycle).
Write Protect (W). This input signal puts the de-
vice in the Hardware Protected mode, when Write
Protect (W) is connected to VSS, causing the first
256 pages of memory to become read-only by pro-
tecting them from write, program and erase oper-
ations. When Write Protect (W) is connected to
VCC, the first 256 pages of memory behave like
the other pages of memory.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com