Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M45PE40-VMP6TG Datasheet(PDF) 17 Page - STMicroelectronics

Part # M45PE40-VMP6TG
Description  4 Mbit, Low Voltage, Page-Erasable Serial Flash Memory With Byte-Alterability and a 33 MHz SPI Bus Interface
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M45PE40-VMP6TG Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M45PE40-VMP6TG Datasheet HTML 13Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 14Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 15Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 16Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 17Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 18Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 19Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 20Page - STMicroelectronics M45PE40-VMP6TG Datasheet HTML 21Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 35 page
background image
17/35
M45PE40
Page Write (PW)
The Page Write (PW) instruction allows bytes to
be written in the memory. Before it can be accept-
ed, a Write Enable (WREN) instruction must previ-
ously have been executed. After the Write Enable
(WREN) instruction has been decoded, the device
sets the Write Enable Latch (WEL).
The Page Write (PW) instruction is entered by
driving Chip Select (S) Low, followed by the in-
struction code, three address bytes and at least
one data byte on Serial Data Input (D). The rest of
the page remains unchanged if no power failure
occurs during this write cycle.
The Page Write (PW) instruction performs a page
erase cycle even if only one byte is updated.
If the 8 least significant address bits (A7-A0) are
not all zero, all transmitted data exceeding the ad-
dressed page boundary wrap round, and are writ-
ten from the start address of the same page (the
one whose 8 least significant address bits (A7-A0)
are all zero). Chip Select (S) must be driven Low
for the entire duration of the sequence.
The instruction sequence is shown in Figure 13..
If more than 256 bytes are sent to the device, pre-
viously latched data are discarded and the last 256
data bytes are guaranteed to be written correctly
within the same page. If less than 256 Data bytes
are sent to device, they are correctly written at the
requested addresses without having any effects
on the other bytes of the same page.
For optimized timings, it is recommended to use
the Page Write (PW) instruction to write all con-
secutive targeted Bytes in a single sequence ver-
sus using several Page Write (PW) sequences
with each containing only a few Bytes (see AC
Characteristics (33MHz operation)).
Chip Select (S) must be driven High after the
eighth bit of the last data byte has been latched in,
otherwise the Page Write (PW) instruction is not
executed.
As soon as Chip Select (S) is driven High, the self-
timed Page Write cycle (whose duration is tPW) is
initiated. While the Page Write cycle is in progress,
the Status Register may be read to check the val-
ue of the Write In Progress (WIP) bit. The Write In
Progress (WIP) bit is 1 during the self-timed Page
Write cycle, and is 0 when it is completed. At some
unspecified time before the cycle is complete, the
Write Enable Latch (WEL) bit is reset.
A Page Write (PW) instruction applied to a page
that is Hardware Protected is not executed.
Any Page Write (PW) instruction, while an Erase,
Program or Write cycle is in progress, is rejected
without having any effects on the cycle that is in
progress.
Figure 13. Page Write (PW) Instruction Sequence
Note: 1. Address bits A23 to A19 are Don’t Care
2. 1
≤n ≤256
C
D
AI04045
S
42
41
43 44 45 46 47 48 49 50
52 53 54 55
40
C
D
S
23
2
1
3456789 10
28 29 30 31 32 33 34 35
22 21
3210
36 37 38
Instruction
24-Bit Address
0
765432
0
1
Data Byte 1
39
51
765432
0
1
Data Byte 2
765432
0
1
Data Byte 3
Data Byte n
765432
0
1
MSB
MSB
MSB
MSB
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com