Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM712 Datasheet(PDF) 4 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASM712
Description  Asymmetrical TVS Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASM712 Datasheet(HTML) 4 Page - Applied Power Microelectronics Co.,Ltd.

  ASM712 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Revision 12/2017
4 of 6
www.appliedpowermicro.com
EIA RS-485 specifies a ±7V ground difference between devices on the bus. This permits the bus voltage to range from
+12V (5V + 7V) to -7V (0 - 7V). The ASM712 is designed to protect two RS-485 data lines in extended common mode
applications. The ASM712 may be used to protect devices from transient voltages resulting from ESD, EFT, and light
ning. The device is designed with asymmetrical operating voltages for optimum protection. The TVS diodes at pins 1 and
2 have a working voltage of 12volts. These pins are connected to the differential data line pairs. The TVS diodes at pin 3
have a working voltage of 7volts. Pin 3 is connected to ground. The internal TVS diodes of the ASM712 will protect the
transceiver input from positive transient voltage spikes greater than 12V and negative spikes greater than 7V.
ASM712
ASM05
ASM712 on RS-485 Data Lines Application
ASM712



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com