Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM712 Datasheet(PDF) 5 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASM712
Description  Asymmetrical TVS Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASM712 Datasheet(HTML) 5 Page - Applied Power Microelectronics Co.,Ltd.

  ASM712 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
Revision 12/2017
5 of 6
www.appliedpowermicro.com
SOT-23 Package Outline Drawing
SYM
DIMENSIONS
MILLIMETERS
INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.90
- -
1.15
0.035
- -
0.045
A1
0.00
- -
0.10
0.000
- -
0.004
A2
0.90
- -
1.05
0.035
- -
0.041
b
0.30
- -
0.50
0.012
- -
0.020
c
0.08
- -
0.15
0.003
- -
0.006
D
2.80
- -
3.00
0.110
- -
0.118
E
1.20
- -
1.40
0.047
- -
0.055
E1
2.25
- -
2.25
0.089
0.100
e
0.95TYP
0.037TYP
e1
1.80
- -
2.00
0.071
- -
0.079
L
0.55REF
0.022REF
L1
0.30
- -
0.50
0.012
- -
0.020
Θ
0°
- -
8°
0°
- -
8°
ASM712



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com