Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ASM712 Datasheet(PDF) 1 Page - Applied Power Microelectronics Co.,Ltd.

Part # ASM712
Description  Asymmetrical TVS Diode
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  APMICRO [Applied Power Microelectronics Co.,Ltd.]
Direct Link  http://www.appliedpowermicro.com/
Logo APMICRO - Applied Power Microelectronics Co.,Ltd.

ASM712 Datasheet(HTML) 1 Page - Applied Power Microelectronics Co.,Ltd.

  ASM712 Datasheet HTML 1Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 2Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 3Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 4Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 5Page - Applied Power Microelectronics Co.,Ltd. ASM712 Datasheet HTML 6Page - Applied Power Microelectronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Revision 12/2017
1 of 6
www.appliedpowermicro.com
Description
The ASM712 is designed for asymmetrical (12V to –7V)
protection in multi-point data transmission application,
The ASM712 replace four discrete components by inte-
grating two 12V and two 7V TVS diodes in a single pack-
age. The ASM712 complies with the IEC 61000-4-2
(ESD) with ±30kV air and ±30kV contact discharge. It is
assembled into a lead-free SOT-23 package. It is de-
signed to protect components which are connected to
data and transmission lines from voltage surges.
Features
325W peak pulse power (8/20μs)
Ultra low leakage: nA level
Operating voltage: 7V or 12V
Low clamping voltage
Complies with following standards:
– IEC 61000-4-2 (ESD) immunity test
Air discharge: ±30kV
Contact discharge: ±30kV
– IEC61000-4-5 (Lightning) 13A (8/20μs)
RoHS Compliant
ASM712
Asymmetrical TVS Diode
Part Number
Packaging
Reel Size
ASM712
3000/Tape & Reel
7 inch
Circuit Schematic
Dimensions and Pin Configuration
Mechanical Characteristics
Package: SOT-23
Lead Finish: Matte Tin
Case Material: “Green” Molding Compound.
Moisture Sensitivity: Level 3 per J-STD-020
Terminal Connections: See Diagram Below
Marking Information: See Below
Applications
Wireless System
Networks
Portable Instrumentation
RS485 Ports
Marking Information
Ordering Information
B712 = Device Marking Code
B712
1
2
3
Pin Schematic


Similar Part No. - ASM712

ManufacturerPart #DatasheetDescription
logo
Applied Power Microelec...
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
logo
Shanghai Shunye Electro...
ASM712H SHUNYE-ASM712H Datasheet
1Mb / 6P
Asymmetrical TVS Diode
V2.22
ASM712Y SHUNYE-ASM712Y Datasheet
1Mb / 5P
Asymmetrical TVS Diode
V2.22
More results

Similar Description - ASM712

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
PG712FBS23 KEC-PG712FBS23 Datasheet
534Kb / 3P
Asymmetrical TVS Diode
logo
Littelfuse
SM712 LITTELFUSE-SM712 Datasheet
1Mb / 5P
600W Asymmetrical TVS Diode Array
logo
Protek Devices
SMDB712C PROTEC-SMDB712C Datasheet
445Kb / 6P
BIDIRECTIONAL ASYMMETRICAL TVS ARRAY
logo
Littelfuse
SP712 LITTELFUSE-SP712 Datasheet
1Mb / 5P
640W Asymmetrical TVS Diode Array
logo
Applied Power Microelec...
ASM712H APMICRO-ASM712H Datasheet
637Kb / 6P
Asymmetrical TVS Diode
ASM1235 APMICRO-ASM1235 Datasheet
479Kb / 5P
Asymmetrical TVS Diode
logo
AiT Semiconductor Inc.
SM712 AITSEMI-SM712 Datasheet
535Kb / 6P
TVS 400W ASYMMETRICAL TVS DIODE ARRAY
REV1.0
logo
TECH PUBLIC Electronics...
SM712-02HTG TECHPUBLIC-SM712-02HTG Datasheet
2Mb / 4P
Asymmetrical TVS Diode
SM712 TECHPUBLIC-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
TPCDSOT23-SM712 TECHPUBLIC-TPCDSOT23-SM712 Datasheet
2Mb / 4P
Asymmetrical TVS Diode
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com