Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1706083 Datasheet(PDF) 6 Page - PHOENIX CONTACT

Part # 1706083
Description  Printed-circuit board connector - MCV 0,5/11-G-2,54 SMDR56C2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1706083 Datasheet(HTML) 6 Page - PHOENIX CONTACT

  1706083 Datasheet HTML 1Page - PHOENIX CONTACT 1706083 Datasheet HTML 2Page - PHOENIX CONTACT 1706083 Datasheet HTML 3Page - PHOENIX CONTACT 1706083 Datasheet HTML 4Page - PHOENIX CONTACT 1706083 Datasheet HTML 5Page - PHOENIX CONTACT 1706083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1706083
06/30/2020   Page 6 / 6
Printed-circuit board connector - MCV 0,5/11-G-2,54
SMDR56C2 - 1706083
Approvals
cULus Recognized 
 http://database.ul.com/cgi-bin/XYV/template/LISEXT/1FRAME/index.htm  E60425-19920306
 
B
C
Nominal voltage UN
150 V
50 V
Nominal current IN
6 A
6 A
Accessories
Accessories
Labeled terminal marker
Marker card - SK 2,54/2,8:FORTL.ZAHLEN - 0804853
Marker card, Card, white, labeled, horizontal: consecutive numbers 1 ... 10, 11 ... 20, etc. up to 91 ... 99, mounting
type: adhesive, for terminal block width: 2.54 mm, lettering field size: 2.54 x 2.8 mm
 
 
Additional products
Printed-circuit board connector - FMC 0,5/11-ST-2,54 C2 - 1706233
PCB connector, nominal current: 6 A, rated voltage (III/2): 160 V, nominal cross section: 0.5 mm², number of
positions: 11, pitch: 2.54 mm, connection method: Push-in spring connection, color: black, contact surface: Gold,
Fixed coding of last position; can be combined with MC(V) 0,5/...-G-2,54...C2 headers
 
 
Phoenix Contact 2020 © - all rights reserved
http://www.phoenixcontact.com
PHOENIX CONTACT GmbH & Co. KG
Flachsmarktstr. 8
32825 Blomberg
Germany
Tel. +49 5235 300
Fax +49 5235 3 41200
http://www.phoenixcontact.com



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com