Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1706083 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1706083
Description  Printed-circuit board connector - MCV 0,5/11-G-2,54 SMDR56C2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1706083 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1706083 Datasheet HTML 1Page - PHOENIX CONTACT 1706083 Datasheet HTML 2Page - PHOENIX CONTACT 1706083 Datasheet HTML 3Page - PHOENIX CONTACT 1706083 Datasheet HTML 4Page - PHOENIX CONTACT 1706083 Datasheet HTML 5Page - PHOENIX CONTACT 1706083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1706083
06/30/2020   Page 1 / 6
Printed-circuit board connector - MCV 0,5/11-G-2,54
SMDR56C2 - 1706083
Please be informed that the data shown in this PDF Document is generated from our Online Catalog. Please find the complete data in the user's
documentation. Our General Terms of Use for Downloads are valid
(http://phoenixcontact.com/download)
PCB headers, nominal current: 6 A, rated voltage (III/2): 160 V, nominal cross section: 0.5 mm², number of
positions: 11, pitch: 2.54 mm, color: black, contact surface: Gold, mounting: SMD soldering, pin layout: Linear
pad geometry, solder pin [P]: 2 mm, Fixed coding of the last position, can be combined with the FMC 0,5/...-
ST-2,54 C2 connector
The figure shows the 10-position
version
Your advantages
 Designed for integration into the SMT soldering process
 Additional solder anchors reduce the mechanical strain on the soldering spots
 Gold-plated contacts ensure transfer quality remains stable over the long term
 Vertical connection enables multi-row arrangement on the PCB
 Supplied in tape-on-reel packing according to IEC 60286-3 for automated mounting
Key Commercial Data
Packing unit
315 pc
Minimum order quantity
315 pc
GTIN
GTIN
4046356842549
Technical data
Dimensions
Length [ l ]
4.85 mm
Width
32.52 mm
Pitch
2.54 mm
Dimension a
25.4 mm
Width [ w ]
32.52 mm
Height [ h ]
7.1 mm
Height
7.1 mm
Length of the solder pin
2 mm


Similar Part No. - 1706083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706080 PHOENIX-1706080 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/13-G-2,54 SMDR56C2
1706087 PHOENIX-1706087 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 8-G-2,54 SMDR44C2
1706088 PHOENIX-1706088 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 7-G-2,54 SMDR44C2
1706089 PHOENIX-1706089 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 6-G-2,54 SMDR44C2
More results

Similar Description - 1706083

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1706080 PHOENIX-1706080 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/13-G-2,54 SMDR56C2
1706088 PHOENIX-1706088 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 7-G-2,54 SMDR44C2
1706098 PHOENIX-1706098 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/13-G-2,54 SMDR56C1
1706101 PHOENIX-1706101 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/11-G-2,54 SMDR56C1
1706104 PHOENIX-1706104 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 8-G-2,54 SMDR44C1
1706107 PHOENIX-1706107 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 6-G-2,54 SMDR44C1
1706117 PHOENIX-1706117 Datasheet
133Kb / 7P
Printed-circuit board connector - MC 0,5/13-G-2,54 SMDR56C2
1706120 PHOENIX-1706120 Datasheet
133Kb / 7P
Printed-circuit board connector - MC 0,5/11-G-2,54 SMDR56C2
1706162 PHOENIX-1706162 Datasheet
134Kb / 6P
Printed-circuit board connector - MCV 0,5/ 7-G-2,54 P20THRR44C2
1881642 PHOENIX-1881642 Datasheet
268Kb / 7P
Printed-circuit board connector - MCV 0,5/11-G-2,5
02/04/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com