Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

1706083 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # 1706083
Description  Printed-circuit board connector - MCV 0,5/11-G-2,54 SMDR56C2
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1706083 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  1706083 Datasheet HTML 1Page - PHOENIX CONTACT 1706083 Datasheet HTML 2Page - PHOENIX CONTACT 1706083 Datasheet HTML 3Page - PHOENIX CONTACT 1706083 Datasheet HTML 4Page - PHOENIX CONTACT 1706083 Datasheet HTML 5Page - PHOENIX CONTACT 1706083 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
https://www.phoenixcontact.com/pi/products/1706083
06/30/2020   Page 2 / 6
Printed-circuit board connector - MCV 0,5/11-G-2,54
SMDR56C2 - 1706083
Technical data
Dimensions
Pin dimensions
0.64 x 0.64 mm
Length
4.85 mm
General
Range of articles
MCV 0,5/..-G-SMD
Insulating material group
IIIa
Rated surge voltage (III/3)
2.5 kV
Rated surge voltage (III/2)
2.5 kV
Rated surge voltage (II/2)
2.5 kV
Rated voltage (III/3)
32 V
Rated voltage (III/2)
160 V
Rated voltage (II/2)
160 V
Connection in acc. with standard
EN-VDE
Nominal current IN
6 A
Insulating material
LCP
Flammability rating according to UL 94
V0
Color
black
Number of positions
11
Standards and Regulations
Connection in acc. with standard
EN-VDE
Flammability rating according to UL 94
V0
Environmental Product Compliance
China RoHS
Environmentally friendly use period: unlimited = EFUP-e
No hazardous substances above threshold values
Drawings



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com