Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRFD123 Datasheet(PDF) 1 Page - Harris Corporation

Part # IRFD123
Description  1.3A and 1.1A, 80V and 100V, 0.30 and 0.40 Ohm, N-Channel Power MOSFETs
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

IRFD123 Datasheet(HTML) 1 Page - Harris Corporation

  IRFD123 Datasheet HTML 1Page - Harris Corporation IRFD123 Datasheet HTML 2Page - Harris Corporation IRFD123 Datasheet HTML 3Page - Harris Corporation IRFD123 Datasheet HTML 4Page - Harris Corporation IRFD123 Datasheet HTML 5Page - Harris Corporation IRFD123 Datasheet HTML 6Page - Harris Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image


Similar Part No. - IRFD123

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
IRFD123 VISHAY-IRFD123 Datasheet
1Mb / 8P
Power MOSFET
30-May-08
IRFD123 VISHAY-IRFD123 Datasheet
934Kb / 9P
Power MOSFET
30-Aug-2021
IRFD123PBF VISHAY-IRFD123PBF Datasheet
1Mb / 8P
Power MOSFET
30-May-08
IRFD123PBF VISHAY-IRFD123PBF Datasheet
934Kb / 9P
Power MOSFET
30-Aug-2021
IRFD123 VISHAY-IRFD123_V01 Datasheet
934Kb / 9P
Power MOSFET
30-Aug-2021
More results

Similar Description - IRFD123

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
IRF120 INTERSIL-IRF120 Datasheet
68Kb / 7P
8.0A and 9.2A, 80V and 100V, 0.27 and 0.36 Ohm, N-Channel, Power MOSFETs
October 1997
RFL1N08 INTERSIL-RFL1N08 Datasheet
30Kb / 4P
1A, 80V and 100V, 1.200 Ohm, N-Channel, Power MOSFETs
September 1998
RFM12N08 INTERSIL-RFM12N08 Datasheet
43Kb / 5P
12A, 80V and 100V, 0.200 Ohm, N-Channel Power MOSFETs
October 1998
RFM18N08 INTERSIL-RFM18N08 Datasheet
38Kb / 5P
18A, 80V and 100V, 0.100 Ohm, N-Channel Power MOSFETs
September 1998
RFP12P08 INTERSIL-RFP12P08 Datasheet
37Kb / 5P
12A, 80V and 100V, 0.300 Ohm, P-Channel Power MOSFETs
June 1999
RFP2N08 INTERSIL-RFP2N08 Datasheet
46Kb / 4P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
July 1998
logo
Harris Corporation
RFP8P08 HARRIS-RFP8P08 Datasheet
279Kb / 5P
-8A, -80V AND -100V, 0.400 Ohm, P-CHANNEL POWER MOSFETS
IRF510 HARRIS-IRF510 Datasheet
71Kb / 7P
4.9A, and 5.6A, 80V and 100V, 0.54 and 0.74 Ohm, N-Channel Power MOSFETs
logo
New Jersey Semi-Conduct...
IRF540 NJSEMI-IRF540 Datasheet
984Kb / 3P
25A and 28A, 80V and 100V, 0.077 and 0.100 Ohm, N-Channel Power MOSFETs
RFP2N08 NJSEMI-RFP2N08 Datasheet
93Kb / 2P
2A, 80V and 100V, 1.05 Ohm, N-Channel Power MOSFETs
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com