Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24B-KB Datasheet(PDF) 1 Page - Mini-Circuits

Part # 24B-KB
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

24B-KB Datasheet(HTML) 1 Page - Mini-Circuits

  24B-KB Datasheet HTML 1Page - Mini-Circuits 24B-KB Datasheet HTML 2Page - Mini-Circuits 24B-KB Datasheet HTML 3Page - Mini-Circuits 24B-KB Datasheet HTML 4Page - Mini-Circuits 24B-KB Datasheet HTML 5Page - Mini-Circuits 24B-KB Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Notes
A. Performance and quality attributes and conditions not expressly stated in this specification document are intended to be excluded and do not form a part of this specification document.
B. Electrical specifications and performance data contained in this specification document are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions.
C. The parts covered by this specification document are subject to Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled
to the rights and benefits contained therein. For a full statement of the Standard Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp
Mini-Circuits®
www.minicircuits.com P.O. Box 350166, Brooklyn, NY 11235-0003 (718) 934-4500 sales@minicircuits.com
24B-KB+
The Big Deal
• Ultra-wideband, DC-40 GHz
• Flat response
• Low insertion loss, 0.16 dB@20 GHz
• Excellent VSWR, 1.07:1 @20 GHz
Product Overview
Mini-Circuits’ 24B-KB+ is a coaxial 2.92 mm-F to 2.4 mm-F with bulkhead adapter supporting a wide range
of applications from DC to 40 GHz. This model provides excellent VSWR, low insertion loss, and flat re-
sponse versus frequency. The 24B-KB+ features passivated stainless steel construction and measures only
0.74” (l) x 0.43” (dia.).
Key Features
Feature
Advantages
Wideband, DC to 40 GHz
Wide frequency range provides application flexibility and makes this model ideal for broad-
band and multi-band use.
Excellent VSWR, 1.07:1@20 GHz
Provides good matching for 50Ω systems and minimizes signal reflections across wide
frequency range.
Low insertion loss, 0.16 dB @20 GHz
Provides excellent signal power transmission from input to output.
Bulkhead
Useful for installation on front panel of rack mount equipment.
Passivated stainless steel construction
Stands up to wear and tear in demanding environments and provides excellent reliability.
Very wide operating temperature range,
-55 to +100˚C
Withstands extreme operating conditions and is suitable for use near high power componen-
try where heat rise is common.
50Ω
DC to 40 GHz
Coaxial
Adapter 2.92mm-F to2.4mm-FwithBulkhead
CASE STYLE: DJ3049


Similar Part No. - 24B-KB

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
24B DIOTEC-24B Datasheet
296Kb / 2P
Surface mount Silicon Planar Zener Diodes
logo
SEMTECH ELECTRONICS LTD...
24BC SEMTECH_ELEC-24BC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
24BCA SEMTECH_ELEC-24BCA Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
24BCB SEMTECH_ELEC-24BCB Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
24BCC SEMTECH_ELEC-24BCC Datasheet
306Kb / 3P
Silicon Epitaxial Planar Zener Diodes
More results

Similar Description - 24B-KB

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
759-840-32-36-181 GLENAIR-759-840-32-36-181 Datasheet
55Kb / 2P
Adapter to Adapter
logo
JFW Industries, Inc.
115-004 JFW-115-004 Datasheet
25Kb / 1P
ADAPTER
115-008 JFW-115-008 Datasheet
25Kb / 1P
ADAPTER
logo
Winchester Electronics ...
SDKA-99-25 WINCHESTER-SDKA-99-25 Datasheet
50Kb / 1P
ADAPTER
logo
PHOENIX CONTACT
2902776 PHOENIX-2902776 Datasheet
83Kb / 6P
Adapter - EM SWD-ADAPTER
2702544 PHOENIX-2702544 Datasheet
50Kb / 1P
Adapter - FL M32 ADAPTER
logo
Mini-Circuits
10F-10F+ MINI-10F-10F+ Datasheet
264Kb / 3P
Adapter
REV. OR
10F-10M+ MINI-10F-10M+ Datasheet
289Kb / 3P
Adapter
REV. OR
10M-10M+ MINI-10M-10M+ Datasheet
263Kb / 3P
Adapter
REV. OR
KF-SF50+ MINI-KF-SF50+ Datasheet
321Kb / 4P
Adapter
REV. OR
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com