Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24B-KB Datasheet(PDF) 3 Page - Mini-Circuits

Part # 24B-KB
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

24B-KB Datasheet(HTML) 3 Page - Mini-Circuits

  24B-KB Datasheet HTML 1Page - Mini-Circuits 24B-KB Datasheet HTML 2Page - Mini-Circuits 24B-KB Datasheet HTML 3Page - Mini-Circuits 24B-KB Datasheet HTML 4Page - Mini-Circuits 24B-KB Datasheet HTML 5Page - Mini-Circuits 24B-KB Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Adapter, 2.92mm Female Bulkhead to 2.4mm Female Bulkhead
24B-KB+
Typical Performance Data
FREQUENCY
INSERTION LOSS
2.92mm-FEMALE
BULKHEAD
VSWR
2.4mm-FEMALE
BULKHEAD
VSWR
(MHz)
(dB)
(:1)
(:1)
10
0.00
1.01
1.00
20
0.00
1.01
1.00
30
0.00
1.00
1.00
40
0.01
1.00
1.00
50
0.01
1.00
1.00
60
0.01
1.00
1.00
70
0.01
1.00
1.00
80
0.02
1.00
1.00
90
0.02
1.01
1.00
100
0.02
1.00
1.00
200
0.02
1.01
1.00
300
0.03
1.00
1.01
400
0.03
1.00
1.01
500
0.03
1.00
1.01
600
0.03
1.01
1.01
700
0.03
1.01
1.01
800
0.03
1.00
1.01
900
0.03
1.01
1.01
1000
0.03
1.01
1.01
2000
0.04
1.00
1.01
3000
0.07
1.01
1.01
4000
0.07
1.00
1.01
5000
0.07
1.00
1.01
6000
0.07
1.01
1.01
7000
0.07
1.02
1.02
8000
0.08
1.02
1.02
9000
0.08
1.02
1.03
10000
0.09
1.04
1.03
11000
0.09
1.04
1.03
12000
0.10
1.03
1.03
13000
0.10
1.03
1.03
14000
0.11
1.02
1.02
15000
0.11
1.01
1.02
16000
0.12
1.02
1.01
17000
0.13
1.03
1.03
18000
0.15
1.04
1.04
19000
0.16
1.06
1.05
20000
0.18
1.07
1.07
21000
0.18
1.05
1.07
22000
0.16
1.06
1.06
23000
0.15
1.07
1.06
24000
0.14
1.06
1.06
25000
0.13
1.04
1.04
26000
0.13
1.04
1.02
27000
0.12
1.04
1.03
28000
0.13
1.05
1.03
29000
0.13
1.06
1.05
30000
0.14
1.07
1.07
31000
0.15
1.10
1.09
32000
0.15
1.11
1.10
33000
0.16
1.11
1.11
34000
0.16
1.11
1.12
35000
0.16
1.11
1.10
36000
0.16
1.09
1.08
37000
0.16
1.07
1.08
38000
0.16
1.06
1.06
39000
0.16
1.05
1.04
40000
0.17
1.04
1.04
REV. OR
24B-KB+
6/11/2020
Page 1 of 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com