Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

24B-KB Datasheet(PDF) 6 Page - Mini-Circuits

Part # 24B-KB
Description  Adapter
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits

24B-KB Datasheet(HTML) 6 Page - Mini-Circuits

  24B-KB Datasheet HTML 1Page - Mini-Circuits 24B-KB Datasheet HTML 2Page - Mini-Circuits 24B-KB Datasheet HTML 3Page - Mini-Circuits 24B-KB Datasheet HTML 4Page - Mini-Circuits 24B-KB Datasheet HTML 5Page - Mini-Circuits 24B-KB Datasheet HTML 6Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
Mini-Circuits
Environmental Specifications
All Mini-Circuits products are manufactured under exacting quality assurance and control standards, and are capable of meeting published specifications after being subjected to
any or all of the following physical and environmental test.
Specification
Test/Inspection Condition
Reference/Spec
ENV106
Operating Temperature
-55° to 100° C or -55° to 85° C
Ambient Environment
Individual Model Data Sheet
Storage Temperature
-55° to 100° C
Ambient Environment
Individual Model Data Sheet
Thermal Shock
-55° to 100°C, 5 cycles
MIL-STD-202, Method 107, conditionB-3,except over -
55° to 100°C
Connector Durability
500 mating/unmating cycles
MIL-PRF-39012E, PARAGRAPH 4.6.12
This document and its contents are the property of Mini-Circuits.
Rev:
ENV106
OR
03/12/19
File:
M173139
ENV106.pdf
Page: 1



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com