Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2026 Datasheet(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

Part # TS2026
Description  Dual-Channel Power Distribution Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2026 Datasheet(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS2026 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS2026
3-7
2005/11 rev. A
Electrical Characteristics
Vin=5V, TA = 25
oC, bold values indicate -40 oC ≤ TA ≤ 85oC unless noted
Parameter
Symbol
Condition
Min.
Typ.
Max.
Units
TS2026-L, VENA=VENB≥2.4V
(switch off), OUT = open
--
0.75
5
A
Supply Current
IDD
TS2026-H, VENA=VENB≤0.8V
(switch on), OUT = open
--
100
160
A
Low-to-high transition
--
1.7
2.4
V
Enable Input threshold
High-to-low transition
0.8
1.455
--
V
Enable Input Hysteresis
VEN
--
250
--
mV
Enable Input Current
VENA= 0V to 5.5V
-1
0.01
1
A
Enable Input Capacitance
IEN
--
1
--
pF
VIN= 5V, IOUT= 500mA
--
90
140
mΩ
Switch Resistance Note 4
RDS(ON)
VIN= 3.3V, IOUT= 500mA
--
100
160
mΩ
Output Leakage Current
TS2026-H, VENX≤0.8V
TS2026-L, VENX≥2.4V
--
--
10
A
Output Turn-on Delay
tON
RL=10Ω, CL=1F,
see “Timing Diagrams”
--
1.3
5
mS
Output Turn-on Rise Time
tR
RL=10Ω, CL=1F,
see “Timing Diagrams”
--
1.15
4.9
mS
Output Turn-off Delay
tOFF
RL=10Ω, CL=1F,
see “Timing Diagrams”
--
35
100
S
Output Turn-off Fall Time
tF
RL=10Ω, CL=1F,
see “Timing Diagrams”
--
32
100
S
Short-Circuit Output Current
ILIMIT
VOUT= 0V, enable into
short-circuit
0.5
0.9
1.25
A
Current –Limit Threshold
Ramped load applied to output
--
1.0
1.25
A
Short-Circuit Response Time
VOUT= 0V to IOUT= ILIMIT
(short applied to output)
--
20
--
S
VIN=5V, apply VOUT=0V
Until FLG low
1.5
3
7
mS
Over current Flag Response
Delay
tD
VIN=3.3V, apply VOUT=0V
Until FLG low
TBD
3
--
mS
VIN rising
2.2
2.4
2.7
V
Under voltage Lockout
Threshold
VIN falling
2.0
2.15
2.5
V
IL =10mA, VIN =5V
--
10
25
Error Flag Output Resistance
IL =10mA, VIN =3.3V
--
15
40
Error Flag Off Current
VFLAG =5V
--
--
10
A
TJ increasing, each switch
--
140
--
oC
TJ decreasing, each switch
--
120
--
oC
TJ increasing, both switch
--
160
--
oC
Over temperature Threshold
Note 5
TJ decreasing, both switch
--
150
--
oC
Note 1. Exceeding the absolute maximum rating may damage the device.
Note 2. The device is not guaranteed to function outside its operating rating.
Note 3. Devices are ESD sensitive. Handing precautions recommended.
Note 4. For maintenance RDS≤140mΩ assembly to make gold conductors in diameter 50m.
Note 5. If there is a fault on one channel, that channel will shut down when the die reaches approximately 140
oC. If the
die reaches approximately 160
oC, both channels will shut down, even if neither channel is in current limit.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com