Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2026 Datasheet(PDF) 1 Page - Taiwan Semiconductor Company, Ltd

Part # TS2026
Description  Dual-Channel Power Distribution Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2026 Datasheet(HTML) 1 Page - Taiwan Semiconductor Company, Ltd

  TS2026 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
TS2026
1-7
2005/11 rev. A
TS2026
Dual-Channel Power Distribution Switch
Pin assignment:
1. ENA
5. OUTB
2. FLGA
6. GND
3. FLGB
7. IN
4. ENB
8. OUTA
140mΩ max. on-resistance per channel
2.7V to 5.5V operating range
Under voltage lockout
General Description
The TS2026 is high-side MOSFET switches optimized for general-purpose power distribution requiring circuit protection.
The TS2026 are internally current limited and have thermal shutdown that protects the device and load. When a thermal
shutdown fault occurs, the output is latched off until the faulty load is removed. Removing that load or toggling the enable
input will reset the device output. Both device employ soft-start circuitry that minimized inrush current in application
where highly capacitive loads are employed. A fault status output flag is asserted during over current and thermal
shutdown conditions. Transient faults are internally filtered.
Features
140mΩ max. on-resistance per channel
2.7V to 5.5V operating range
500mA min. continuous current per channel
Short-circuit protection with thermal shutdown
Thermal isolated channels.
Fault status flag with 3ms filter eliminates false
assertions.
Under voltage lockout
Reverse current flow blocking (no “body diode”)
Logic-compatible inputs
Soft-start circuit
Low quiescent current
Ordering Information
Part No.
Operating Temp.
(Ambient)
Package
TS2026CS
-20 ~ +85
oC
SOP-8
Applications
USB peripherals
General purpose power switching
ACPI power distribution
Notebook PCs
PDAs
PC card hot swap
Absolute Maximum Rating
Supply Voltage
VIN
+6
V
Fault Flag Voltage
VFLG
+6
V
Fault Flag Current
IFLG
25
mA
Output Voltage
VOUT
+6
oC
Output Current
IOUT
Internal Limited
Enable input
IEN
-0.3 ~ +3
V
Storage Temperature
TSTG
-65 ~ +150
oC


Similar Part No. - TS2026

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
TS2026LCS TSC-TS2026LCS Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
More results

Similar Description - TS2026

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS2026L TSC-TS2026L Datasheet
275Kb / 7P
Dual-Channel Power Distribution Switch
logo
List of Unclassifed Man...
B2025 ETC1-B2025 Datasheet
97Kb / 3P
Dual-Channel Power Distribution Switch
logo
Micrel Semiconductor
MIC2026 MICREL-MIC2026_10 Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
MIC2073 MICREL-MIC2073 Datasheet
567Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026A MICREL-MIC2026A_09 Datasheet
581Kb / 16P
Dual-Channel Power Distribution Switch
MIC2026-2YMTR MICREL-MIC2026-2YMTR Datasheet
1,000Kb / 16P
Dual-Channel Power Distribution Switch
logo
HTC Korea TAEJIN Techno...
TJ2205HD HTC-TJ2205HD Datasheet
865Kb / 13P
Dual-Channel Power Distribution Switch
logo
Global Mixed-mode Techn...
G5258 GMT-G5258 Datasheet
77Kb / 1P
Dual Power Distribution Switch
logo
Exar Corporation
SP2526A EXAR-SP2526A Datasheet
405Kb / 9P
Dual Channel USB Power Distribution Switch
logo
Fitipower Integrated Te...
FP6861D FITIPOWER-FP6861D Datasheet
311Kb / 6P
Dual-Channel Power Distribution Switch
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com