Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TS2026 Datasheet(PDF) 5 Page - Taiwan Semiconductor Company, Ltd

Part # TS2026
Description  Dual-Channel Power Distribution Switch
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TSC [Taiwan Semiconductor Company, Ltd]
Direct Link  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS2026 Datasheet(HTML) 5 Page - Taiwan Semiconductor Company, Ltd

  TS2026 Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS2026 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
TS2026
5-7
2005/11 rev. A
Function Description
Input and Output
IN is the power supply connection to the logic circuitry and the drain of the output MOSFET. OUT is the source of the
output MOSFET. In a typical circuit, current flows from IN to OUT toward the load. If VOUT is greater than VIN, current will
flow from OUT to IN, since the switch is bidirectional when enabled. The output MOSFET and driver circuitry are also
designed to allow the MOSFET source to be externally forced to a higher voltage than the drain (VOUT > VIN ) when the
switch is disabled. In this situation, the TS2026 prevents undesirable current flow from OUT to IN.
Thermal Shutdown
Thermal shutdown is employed to protect the device from damage should the die temperature exceed safe margins due
mainly to short circuit faults. Each channel employs its own thermal sensor. Thermal shutdown shuts off the output
MOSFET and asserts the FLG output if the die temperature reaches 140
oC and the overheated channel is in current
limit. The over channel will be shut off. Upon determining a thermal shutdown condition. The TS2026 will automatically
reset its output when the die temperature cools down to 120
oC . The TS2026 output and FLG signal will continue to
cycle on and off until the device is disabled or the fault is removed. Figure 1. Depicts typical timing. Depending on PCB
layout, package, ambient temperature, etc., it may take several hundred milliseconds from the incidence of the fault to
the output MOSFET being shut off. This time will be shortest in the case of dead short on the output.
Power Dissipation
The device’s junction temperature depends on several factors such as the load, PCB layout, ambient temperature and
package type. Equations that can be used to calculate power dissipation of each channel and junction temperature are
found below.
PD = RDS(ON) x IOUT
2
Total power dissipation of the device will be the summation of PD for both channels. To relate this to junction
temperature, the following equation can be used:
TJ = PD x θJA + TA
Where:
TJ = junction temperature
TA = ambient temperature
θJA = is the thermal resistance of the package
Current Sensing and Limiting
The current-limit threshold is preset internally. The preset level prevents damage to the device and external load but still
allows a minimum current of 500mA to be delivered to the load. The current-limit circuit senses a portion of the output
MOSFET switch current. The current-sense resistor shown in the block diagram is virtual and has no voltage drop. The
reaction to an over current condition varies with three scenarios.
Switch Enable into Short-Circuit
If a switch is enabled into a heavy load or short-circuit, the switch immediately enters into a constant-current mode,
reducing the output voltage. The FLG signal is asserted indicating an over current condition.
Switch Enable Applied to Enabled Output
When a heavy load or short-circuit is applied to an enabled switch, a large transient current may flow until the current
limit circuitry responds. Once this occurs the device limits current to less than the short circuit current limit specification.
Current-Limit Response-Ramped Load
The TS2026 current-limit profile exhibits a small fold back effect of about 200mA. Once this current-limit threshold is
exceeded the device switches into a constant current mode. It is important to note that the device will supply current up
to the current-limit threshold
Fault Flag
The FLG signal is an N-channel open-drain MOSFET output. FLG is asserted (active-low) when either an over current
or thermal shutdown condition occurs. In the case of and over current condition, FLG will be asserted only after the flag
response delay time, tD, has elapsed. This ensured that FLG is asserted only upon valid over current conditions and that
erroneous error reporting is eliminated. For example, false over current condition can occur during hot plug event when
a highly capacitive load is connected and causes a high transient inrush current that exceeds the current-limit threshold
for up to 1ms. The FLG response delay time tD is typically 3ms.
Undervoltage Lockout
Undervolrage lockout (UVLO) prevents the output MOSFET from turning on until VIN exceeds approximately 2.5V.
Undervoltage detection function only when the switch is enabled.



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com