Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TPESD0201G Datasheet(PDF) 2 Page - TECH PUBLIC Electronics co LTD

Part # TPESD0201G
Description  Surface Mount Polymeric ESD Suppressor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TECHPUBLIC [TECH PUBLIC Electronics co LTD]
Direct Link  www.sot23.com.tw
Logo TECHPUBLIC - TECH PUBLIC Electronics co LTD

TPESD0201G Datasheet(HTML) 2 Page - TECH PUBLIC Electronics co LTD

  TPESD0201G Datasheet HTML 1Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 2Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 3Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 4Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 5Page - TECH PUBLIC Electronics co LTD TPESD0201G Datasheet HTML 6Page - TECH PUBLIC Electronics co LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Absolute Maximum Ratings
Electrical Characteristics
(Tamb=25°C unless otherwise specified)
(TA=25°C unless otherwise specified)
2
Parameter
Symbol
Value
Unit
ESD per IEC 61000−4−2 (Air)
ESD per IEC 61000−4−2 (Contact)
VESD
±15
±8
kV
Operating Temperature Range
TJ
−55 to +125
°C
Storage Temperature Range
Tstg
−40 to +85
°C
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
5
V
V
10
0.05
pF
Continuous Operating Voltage
Trigger Voltage
Clamping Voltage
Leakage Current
Capacitance
VDC
VT
VC
IL
CJ
450
V
40
IEC61000-4-2 8kV contact
discharge
IEC61000-4-2 8kV contact
discharge
DC 5V shall be applied
on component
Measured at 10MHz
nA
TPESD0201G Seires
WWW.SOT23.COM.TW
Surface Mount Polymeric ESD Suppressor
TPESD0201G05V
Parameter
Symbol
Min
Typ
Max
Unit
Test Condition
3.3
V
V
10
0.05
pF
Continuous Operating Voltage
Trigger Voltage
Clamping Voltage
Leakage Current
Capacitance
VDC
VT
VC
IL
CJ
450
V
40
IEC61000-4-2 8kV contact
discharge
IEC61000-4-2 8kV contact
discharge
DC 3.3 V shall be applied
on component
Measured at 10MHz
nA
TPESD0201G03V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com